Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XK21 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 1 Page - Renesas Technology Corp

  XK21 Datasheet HTML 1Page - Renesas Technology Corp XK21 Datasheet HTML 2Page - Renesas Technology Corp XK21 Datasheet HTML 3Page - Renesas Technology Corp XK21 Datasheet HTML 4Page - Renesas Technology Corp XK21 Datasheet HTML 5Page - Renesas Technology Corp XK21 Datasheet HTML 6Page - Renesas Technology Corp XK21 Datasheet HTML 7Page - Renesas Technology Corp XK21 Datasheet HTML 8Page - Renesas Technology Corp XK21 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 1
Sep 24, 2025
© 2023-2025 Renesas Electronics
Datasheet
Description
The XK devices are a second-generation follow-on to
the XF ProXO high-performance oscillators. The
devices are often referred to as ProXO II.
The XK family of devices uses internal regulators to
provide excellent PSNR characteristics.
The devices are offered in a range of industry-
standard package footprints. Each device can be
factory programmed with up to three frequencies
and/or output types that are selected by the 3-level
FS pin.
A list of standard frequencies is provided in Table 27.
Applications
▪ 10G to 800G Ethernet
▪ 100G to 400G OTN
▪ 3G to 24G SDI broadcast video
▪ Servers, switches, storage, accelerators, NICs,
HBAs
Features
▪ 55fs RMS typical phase jitter (12kHz to 20MHz) at
156.25MHz
▪ 50MHz to 1250MHz output frequency
▪ Package options:
• 1.80 × 1.40 × 0.85 mm (1.60 × 1.20 mm footprint
compatible) – 6-LGA (LTV6D1)
• 2.00 × 1.60 × 0.85 mm – 6-LGA (LLV6D1)
• 2.50 × 2.00 × 0.70 mm – 6-LGA (LTT6D1)
• 3.20 × 2.50 × 0.70 mm – 6-LGA (LLT6D1)
▪ Supply voltage options: 1.8V, 2.5V, 3.3V
▪ Output types:
• LVDS, CML, and HCSL (1.8V, 2.5V, 3.3V)
• LVPECL (3.3V only)
• LVCMOS differential (1.8V only)
▪ Total stability ±50ppm (including temperature,
power supply, and aging)
▪ Operating temperature:
-40°C to +85°C (all operating voltages)
-40°C to +105°C (1.8V, 3.2 × 2.5 mm package only)
Figure 1. Block Diagram
Power Supply Regulation
PLL
OUT0
OUT0b
OSC
OE
NVM
Control
FS
XK
Ultra-low Phase Noise Quartz-based PLL Oscillator


Similar Part No. - XK21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XK25SS ETC2-XK25SS Datasheet
4Mb / 122P
E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
logo
Schneider Electric
XK2BA904 SCHNEIDER-XK2BA904 Datasheet
136Kb / 2P
Complete joystick controller, Harmony XK, XKBA light hoisting applications
Feb 10, 2022
More results

Similar Description - XK21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
LOW PHASE NOISE QUARTZ OSCILLATORS
logo
Crystek Corporation
CCHD-575 CRYSTEKCRYSTAL-CCHD-575 Datasheet
126Kb / 2P
Ultra-Low Phase Noise Oscillator
CCHD-957 CRYSTEKCRYSTAL-CCHD-957_15 Datasheet
327Kb / 2P
Ultra-Low Phase Noise Oscillator
CVHD-950 CRYSTEKCRYSTAL-CVHD-950_15 Datasheet
323Kb / 3P
Ultra-Low Phase Noise Oscillator
CVPD-952 CRYSTEKCRYSTAL-CVPD-952 Datasheet
183Kb / 2P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
logo
CRYSTEK CORPORATION
CCHD-575 CRYSTEKMICROWAVE-CCHD-575 Datasheet
627Kb / 4P
Ultra-Low Phase Noise Oscillator
CCHD-950 CRYSTEKMICROWAVE-CCHD-950 Datasheet
388Kb / 2P
Ultra-Low Phase Noise Oscillator
logo
Integrated Device Techn...
XA IDT-XA Datasheet
481Kb / 20P
XA Family of Low Phase Noise Quartz-based PLL Oscillators
XL IDT-XL_18 Datasheet
623Kb / 27P
XL Family of Low Phase Noise Quartz-based PLL Oscillators
XU IDT-XU Datasheet
458Kb / 21P
XU Family of Low Phase Noise Quartz-based PLL Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com