Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XK21 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button XK21 Datasheet HTML 2Page - Renesas Technology Corp XK21 Datasheet HTML 3Page - Renesas Technology Corp XK21 Datasheet HTML 4Page - Renesas Technology Corp XK21 Datasheet HTML 5Page - Renesas Technology Corp XK21 Datasheet HTML 6Page - Renesas Technology Corp XK21 Datasheet HTML 7Page - Renesas Technology Corp XK21 Datasheet HTML 8Page - Renesas Technology Corp XK21 Datasheet HTML 9Page - Renesas Technology Corp XK21 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 6
Sep 24, 2025
XK Datasheet
2.4
Electrical Specifications
TA = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise specified. A 0.01F bypass capacitor
between VDD and GND is used to minimize power supply noise.
2.4.1
Common Specifications
VDD = 1.8V ± 5%, 2.5V ± 5%,3.3V ± 5%, TA = -40°C to +85°C.
Figure 4. AC/DC Test Circuit
The AC and DC parameters are tested with Thevenin-equivalent circuits that make the most use of the 50ohm
terminations built into the scope. See Table 5 for details.
Table 4. Common Specifications
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit
Output Frequency
FOUT
-
50
-
1250
MHz
Frequency Stability[1]
1. Includes initial accuracy, aging, and thermal effects.
-
-
-
±50
ppm
Start-up Time
TSU
-
-
15
-
ms
Output Enable/Disable Time
TOE
-
-
0.1
-
Input High Voltage
VIH
FS pin (tri-level)
0.8 x VDD
-
VDD + 0.3
V
Input Mid-Level Voltage
VIM
0.4 x VDD
VDD/2
0.6 x VDD
Input Low Voltage
VIL
GND - 0.3
-
0.2 x VDD
Input High Voltage
VIH
OE pin
0.7 x VDD
-
VDD + 0.3
V
Input Low Voltage
VIL
GND - 0.3
-
0.3 x VDD
Input Leakage High
IIH
OE pin
0.5
-
2
A
FS pin
30
-
70
Input Leakage Low
IIL
OE pin
-70
-
-30
A
FS pin
-70
-
-30
V+
V-
RO
RO
ZO
ZO
L
Scope
Coax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com