Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XK21 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 4 Page - Renesas Technology Corp

  XK21 Datasheet HTML 1Page - Renesas Technology Corp XK21 Datasheet HTML 2Page - Renesas Technology Corp XK21 Datasheet HTML 3Page - Renesas Technology Corp XK21 Datasheet HTML 4Page - Renesas Technology Corp XK21 Datasheet HTML 5Page - Renesas Technology Corp XK21 Datasheet HTML 6Page - Renesas Technology Corp XK21 Datasheet HTML 7Page - Renesas Technology Corp XK21 Datasheet HTML 8Page - Renesas Technology Corp XK21 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 4
Sep 24, 2025
XK Datasheet
2. Specifications
2.1
Absolute Maximum Ratings
Caution: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in failures not covered by warranty.
2.2
Recommended Operating Conditions
2.3
Thermal and Mechanical Specifications
Table 1. Thermal Characteristics - JEDEC Standard PCB
Parameter
Minimum
Maximum
Unit
VDD
GND - 0.5
GND + 3.8
V
All Other Pins
GND - 0.3
VDD + 0.3[1]
1. Not to exceed 3.6V.
V
Maximum Junction Temperature
-
+125
°C
Storage Temperature Range
-55
+125
°C
Human Body Model (Tested per JS-001-2017)
-
2
kV
Charged Device Model (Tested per JS-002-2018)
-
1
kV
Latch-Up (Tested per JESD78E; Class 2, Level A)
-
100
mA
Parameter
Minimum
Maximum
Unit
1.8V Nominal Supply Voltage, VDD
1.71
1.89
V
2.5V Nominal Supply Voltage, VDD
2.375
2.625
V
3.3V Nominal Supply Voltage, VDD
3.135
3.465
V
Ambient Temperature
-40
+85
°C
Package
θJA (°C/W) [1]
1. Still air.
θJB (°C/W) [2]
2. Device soldered to JEDEC standard PCB (4 × 4.5 inch 4-layer PCB, one thermal via, one PCB ground plane).
1814 Package (1612 footprint compatible)
113.2
56.7
2016 Package
114.1
61.1
2520 Package
93.1
39.4
3225 Package
92.0
42.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com