Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 1 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 1 Page - Midas Components

  LEDV3 Datasheet HTML 1Page - Midas Components LEDV3 Datasheet HTML 2Page - Midas Components LEDV3 Datasheet HTML 3Page - Midas Components LEDV3 Datasheet HTML 4Page - Midas Components LEDV3 Datasheet HTML 5Page - Midas Components LEDV3 Datasheet HTML 6Page - Midas Components LEDV3 Datasheet HTML 7Page - Midas Components LEDV3 Datasheet HTML 8Page - Midas Components LEDV3 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MCT0096A0W80160PMLIPS
80 x 160
TFT Module
Specification
Version:
1
Date:
09/04/2018
Revision
SPI Interface
Display Accessories
Part Number
Description
Optional Variants
Appearances
Voltage
Display Features
Display Size
0.96”
Resolution
80 x 160
VGA Size
N/A
Orientation
Portrait
Appearance
RGB
Logic Voltage
2.8V
Interface
4-Line SPI
Brightness
320 cd/m2
Touchscreen
N/A
Module Size
13.30 x 27.948 x 1.40 mm
Operating Temperature
-20°C ~ +70°C
Box Quantity
Weight / Display
Pinout
13 - Way FFC
---
---
1
28/08/2017
LEDV3
Constant current LED back light
driver.
First Issue.
Page 1 of 13
Telephone +44 (0)1493 602602
Email:sales@midasdisplays.com
Email:tech@midasdisplays.com
www.midasdisplays.com
Sauls Wharf House
Sauls Wharf House
Crittens Road
Crittens Road
Great Yarmouth
Great Yarmouth
Norfolk
Norfolk
NR31 0AG
NR31 0AG
* - For full design functionality, please use this
specification in conjunction with the ST7735S
specification. (Provided Separately)


Similar Part No. - LEDV3

ManufacturerPart #DatasheetDescription
logo
Midas Components
LEDV3 MIDASDISPLAYS-LEDV3 Datasheet
406Kb / 1P
LEDV3 is a small board designed to drive the LED back light of various LCD displays.
LEDV3 MIDASDISPLAYS-LEDV3 Datasheet
1Mb / 27P
TFT Module
Version: 1 16/04/2018
LEDV3 MIDASDISPLAYS-LEDV3 Datasheet
1Mb / 21P
TFT Module
Version: 1 22/03/2018
More results

Similar Description - LEDV3

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ10D131 SHARP-LQ10D131 Datasheet
1Mb / 19P
TFT - LCD MODULE
LQ035Q7DB03 SHARP-LQ035Q7DB03 Datasheet
506Kb / 24P
TFT LCD MODULE
LQ080V3DG01 SHARP-LQ080V3DG01 Datasheet
468Kb / 23P
TFT MODULE
LQ150X1LGN2A SHARP-LQ150X1LGN2A Datasheet
901Kb / 24P
TFT-LCD MODULE
LQ104S1DG21 SHARP-LQ104S1DG21 Datasheet
376Kb / 19P
TFT-LCD Module
LQ121S1LG41 SHARP-LQ121S1LG41 Datasheet
3Mb / 19P
TFT-LCD Module
LQ121S1LG61 SHARP-LQ121S1LG61 Datasheet
715Kb / 20P
TFT-LCD Module
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
TFT-LCD Module
LQ084S3DG01 SHARP-LQ084S3DG01 Datasheet
702Kb / 20P
TFT-LCD Module
LQ057Q3DC03 SHARP-LQ057Q3DC03 Datasheet
341Kb / 18P
TFT - LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com