Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 7 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 7 Page - Midas Components

Back Button LEDV3 Datasheet HTML 3Page - Midas Components LEDV3 Datasheet HTML 4Page - Midas Components LEDV3 Datasheet HTML 5Page - Midas Components LEDV3 Datasheet HTML 6Page - Midas Components LEDV3 Datasheet HTML 7Page - Midas Components LEDV3 Datasheet HTML 8Page - Midas Components LEDV3 Datasheet HTML 9Page - Midas Components LEDV3 Datasheet HTML 10Page - Midas Components LEDV3 Datasheet HTML 11Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
8. Command/AC Timing
Serial Interface Characteristics (4-line serial)
(VDDIO=1.65 to 3.3V, VDD=2.4 to 3.3V, AGND=DGND=0V, Ta= -30 to 70℃)
Signal
Symbol
Parameter
Min
Max
Unit
Description
CSX
TCSS
Chip select setup time (Write)
45
ns
TCSH
Chip select hold time (Write)
45
ns
TCSS
Chip select setup time (Read)
60
ns
TSCC
Chip select hold time (Read)
65
ns
TCHW
Chip select “H” pulse width
40
ns
SCL
TSCYCW
Serial clock cycle (Write)
66
ns
-Write
Command &
Data Ram
TSHW
SCL “H” pulse width (Write)
15
ns
TSLW
SCL “L” pulse width (Write)
15
ns
TSCYCR
Serial clock cycle (Read)
150
ns
-Read
Command &
Data Ram
TSHR
SCL “H” pulse width (Read)
60
ns
TSLR
SCL “L” pulse width (Read)
60
ns
D/CX
TDCS
D/CX setup time
10
ns
TDCH
D/CX hold time
10
ns
SDA
(DIN)
(DOUT)
TSDS
Data setup time
10
ns
For Maximum
CL=30Pf
For Minimum
CL=8pF
TSDH
Data hold time
10
ns
TACC
Access time
10
50
ns
TOH
Output disable time
15
50
ns
Page 7 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com