Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 2 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 2 Page - Midas Components

  LEDV3 Datasheet HTML 1Page - Midas Components LEDV3 Datasheet HTML 2Page - Midas Components LEDV3 Datasheet HTML 3Page - Midas Components LEDV3 Datasheet HTML 4Page - Midas Components LEDV3 Datasheet HTML 5Page - Midas Components LEDV3 Datasheet HTML 6Page - Midas Components LEDV3 Datasheet HTML 7Page - Midas Components LEDV3 Datasheet HTML 8Page - Midas Components LEDV3 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1. Scope
This data sheet is to introduce the specification of
MCT0096A0W80160PMLIPS active matrix TFT
module. It is composed of a color TFT-LCD panel, driver IC, FPC and a backlight unit. The 0.96′′
display area contains 80 (RGB) x 160 pixels.
2. Application
Digital equipments which need color display, mobile navigator/video systems.
3. General Information
Item 
Contents 
Unit 
Size 
0.96 
inch 
Resolution 
80 (RGB) x 160 
/ 
Interface 
4‐Line SPI Interface 
/ 
Technology type 
IPS 
/ 
Pixel pitch 
0.135 x 0.135 
mm 
Pixel Configuration 
R.G.B. Vertical Stripe 
Outline Dimension (W x H x D) 
13.30 x 27.948 x 1.40 
mm 
Active Area 
10.80 x 21.696 
mm 
Display Mode 
Transmissive 
/ 
Driver IC 
ST7735S 
Viewing Direction 
Free 
Backlight Type 
LED 
/ 
Weight 
TBD 
g 
Page 2 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com