Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 4 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 4 Page - Midas Components

  LEDV3 Datasheet HTML 1Page - Midas Components LEDV3 Datasheet HTML 2Page - Midas Components LEDV3 Datasheet HTML 3Page - Midas Components LEDV3 Datasheet HTML 4Page - Midas Components LEDV3 Datasheet HTML 5Page - Midas Components LEDV3 Datasheet HTML 6Page - Midas Components LEDV3 Datasheet HTML 7Page - Midas Components LEDV3 Datasheet HTML 8Page - Midas Components LEDV3 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
5. Interface signals
No. 
Symbol 
Description 
1 
TP0 
Touch Pin, If not used, Please open this pin. 
2 
TP1 
Touch Pin, If not used, Please open this pin. 
3 
SDA 
SPI interface input/output pin. The data is latched on the rising edge of the 
SCL signal. 
4 
SCL 
This pin is used to be serial interface clock. 
5 
D/C 
Display data/command selection pin in 4‐line serial interface. 
6 
RESET 
This signal will reset the device and it must be applied to properly initialize 
the chip. Signal is active low. 
7 
CS 
Chip selection pin, Low enable, High disable. 
8 
GND 
Power Ground 
9 
NC 
Not Connect 
10 
VDD 
Power Supply for Analog, VDD=2.5V~3.3V. 
11 
LEDK 
LED Cathode 
12 
LEDA 
LED Anode 
13 
GND 
Power Ground 
6. Absolute maximum Ratings
6.1.Electrical Absolute max. ratings
Parameter 
Symbol 
MIN 
MAX 
Unit 
Remark 
Supply Voltage 
VDD 
‐0.3 
4.8 
V 
6.2.Environment Conditions
Item 
Symbol 
MIN 
MAX 
Unit 
Remark 
Operating Temperature 
TOPR 
‐20 
70 
℃
Storage Temperature 
TSTG 
‐30 
80 
℃
6.3.LED Backlight Absolute max. ratings
Item 
Symbol 
MIN 
MAX 
Unit 
Remark 
LED Forward Current 
ILED 
‐‐ 
25 
mA 
One LED 
Page 4 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com