Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 5 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 5 Page - Midas Components

  LEDV3 Datasheet HTML 1Page - Midas Components LEDV3 Datasheet HTML 2Page - Midas Components LEDV3 Datasheet HTML 3Page - Midas Components LEDV3 Datasheet HTML 4Page - Midas Components LEDV3 Datasheet HTML 5Page - Midas Components LEDV3 Datasheet HTML 6Page - Midas Components LEDV3 Datasheet HTML 7Page - Midas Components LEDV3 Datasheet HTML 8Page - Midas Components LEDV3 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
7. Electrical Specifications
7.1
Electrical characteristics
Ta=25℃
Item 
Symbol 
Unit
Condition 
Min 
Typ 
Max 
Note 
Power and Operation Voltage 
Analog Operating Voltage 
VDD 
V 
Operation Voltage 
2.5 
2.8 
3.3 
Note2 
Logic Operating Voltage 
VDDIO 
V 
I/O Supply Voltage 
1.65 
2.8 
3.3 Note2 
Digital Operating Voltage 
VCORE 
V 
Digital Supply Voltage
‐ 
1.5 
‐
Note2
Driver Supply Voltage 
‐ 
V 
‐ 
‐ 
‐ 
32 
Note3 
Input and output 
Logic Hight level input voltage
VIH 
V 
‐ 
0.7*VDDI 
‐ 
VDDI 
Note1,2,3
Logic Low level input voltage 
VIL 
V 
‐ 
VSS 
‐ 
0.3*VDDI
Note1,2,3
Logic Hight level output 
voltage 
VOH 
V 
IOL=1.0mA 
0.8*VDDI 
‐ 
VDDI 
Note1,2,3
Logic Low level output voltage 
VOL 
V 
IOL=1.1mA 
VSS 
‐ 
0.2*VDDI
Note1,2,3
Logic Hight level input Current 
IIH 
uA 
‐ 
‐ 
‐ 
1 
Note1,2,3
Logic Low level input Current 
IIL 
uA 
‐ 
‐1.0 
‐ 
‐ 
Note1,2,3
Logic input Leakage Current 
ILEA 
uA 
VIN=VDDI or VSS 
‐0.1 
‐ 
0.1 
Note1,2,3
Notes:
1: VDDIO=1.65 to 3.3V,VDD=2.5 to 3.3V,AGND=VSS=0V,Ta=-30 to 70(to +85 no damage)
℃
2: Please supply digital VDDIO voltage equal or less than analog VDD voltage.
3: CSX,RDX,WRX,D[17:0],D/CX,RESX,TE,DOTCLK,VSYNC,HSYNC,DE,SDA,SCL,IM3,IM2,
IM1,IM0,and Test pins.
7.2
LED Backlight
Ta=25℃
Item 
Symbol 
MIN 
TYP 
MAX 
Unit 
Remark 
Forward Current 
IF 
‐ 
15 
‐ 
mA 
‐ 
Forward Voltage 
VF 
‐ 
3.0 
V 
LED Power Consumption 
PLED 
‐ 
45 
‐ 
mW 
Note 
Note : Calculator Value for reference ILED×VLED×LED Quantity= PLED
Page 5 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com