Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 8 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 8 Page - Midas Components

Back Button LEDV3 Datasheet HTML 4Page - Midas Components LEDV3 Datasheet HTML 5Page - Midas Components LEDV3 Datasheet HTML 6Page - Midas Components LEDV3 Datasheet HTML 7Page - Midas Components LEDV3 Datasheet HTML 8Page - Midas Components LEDV3 Datasheet HTML 9Page - Midas Components LEDV3 Datasheet HTML 10Page - Midas Components LEDV3 Datasheet HTML 11Page - Midas Components LEDV3 Datasheet HTML 12Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
9. Optical Specification
Ta=25
℃
Item 
Symbol  Condition
Min 
Typ. 
Max. 
Unit 
Remark
Contrast Ratio 
CR 
θ=0° 
TBD 
TBD 
‐ 
Note1 
Note2 
Response Time 
Ton/ Toff
25℃ 
‐ 
35 
50 
ms 
Note1 
Note3 
Threshold Voltage 
Vsat 
4.1 
4.3 
4.5 
V 
Note4 
Vth 
1.6 
1.8 
2.0 
V 
View Angles 
ΘT 
CR≧10 
‐ 
80 
‐ 
Degree Note6 
ΘB 
‐ 
80 
‐ 
ΘL 
‐ 
80 
‐ 
ΘR 
‐ 
80 
‐ 
Chromaticity 
White 
x 
Brightness 
is on 
 TBD 
Note7, 
Note1 
y 
TBD 
Red 
x 
0.610 
0.625 
0.640 
y 
0.295 
0.310 
0.325 
Green 
x 
0.280 
0.295 
0.310 
y 
0.503 
0.518 
0.533 
Blue 
x 
0.127 
0.142 
0.157 
y 
0.128 
0.143 
0.158 
NTSC 
S 
50 
% 
Note7 
Transmittance 
% 
θ=0° 
4.1 
4.59 
Note5 
Luminance 
L 
300 
320 
350 
cd/m
2 
Note1 
Note8 
Uniformity 
U 
TBD 
% 
Note1 
Note9 
Page 8 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com