Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 12 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 12 Page - Midas Components

Back Button LEDV3 Datasheet HTML 5Page - Midas Components LEDV3 Datasheet HTML 6Page - Midas Components LEDV3 Datasheet HTML 7Page - Midas Components LEDV3 Datasheet HTML 8Page - Midas Components LEDV3 Datasheet HTML 9Page - Midas Components LEDV3 Datasheet HTML 10Page - Midas Components LEDV3 Datasheet HTML 11Page - Midas Components LEDV3 Datasheet HTML 12Page - Midas Components LEDV3 Datasheet HTML 13Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
10. Environmental / Reliability Tests
No 
Test Item 
Condition 
Judgment criteria 
1  High Temp Operation Ts=+70℃, 96hrs 
Per table in below 
2  Low Temp Operation  Ta=‐20℃, 96hrs 
Per table in below 
3  High Temp Storage 
Ta=+80℃, 96hrs 
Per table in below 
4  Low Temp Storage 
Ta=‐30℃, 96hrs 
Per table in below 
5 
High  Temp  &  High 
Humidity Storage 
Ta=+60℃, 90% RH 
96 hours 
Per table in below 
(polarizer discoloration is 
excluded) 
6 
Thermal 
Shock 
(Non‐operation) 
‐30℃ 30 min~+80℃ 30 min, 
 Change time:5min, 10 Cycles 
Per table in below 
7  ESD (Operation) 
C=150pF, R=330Ω
,5points/panel
Air:±8KV, 5times; 
Contact:±4KV, 5 times; 
Per table in below 
8 
Vibration 
(Non‐operation) 
Frequency range:10~55Hz, 
Stroke:1.5mm 
Sweep:10Hz~55Hz~10Hz 2 hours 
for each direction of X.Y.Z. 
Per table in below 
9 
Shock   
(Non‐operation) 
60G 6ms, ±X,±Y,±Z 3times, 
for each direction 
Per table in below 
10 
Package 
Drop Test 
Height:80 cm, 
1 corner, 3 edges, 6 surfaces 
Per table in below 
INSPECTION 
CRITERION(after test) 
Appearance 
No Crack on the FPC, on the LCD Panel 
Alignment of LCD Panel 
No Bubbles in the LCD Panel 
No other Defects of Alignment in Active area 
Electrical current 
Within device specifications 
Function / Display 
No Broken Circuit, No Short Circuit or No Black line 
No Other Defects of Display 
Page 12 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com