Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37101006 Datasheet(PDF) 13 Page - ROSE Systemtechnik GmbH

Part # 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Datasheet(HTML) 13 Page - ROSE Systemtechnik GmbH

Back Button 37101006 Datasheet HTML 9Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 10Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 11Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 12Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 13Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 14Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 15Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 16Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 17Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Aluminium die-cast enclosure for I&C and automation technology
Prepared to accommodate front foils and membrane keypads
Rectangular dome arrangement in the lid and lower part
Technical data
Material:
DIN EN 1706 AC-AlSi12 (Fe)
Surface:
Powder coating, fine structure matt
Colour:
RAL 7038, agate grey
Special lacquering on request
Protection class:
IP66 according to EN 60529
Higher protection class on request
Impact resistance:
IK09 according to DIN EN 60068-2-75
Temperature resistance:
PU (polyurethane) seal (standard): -40 °C to +80 °C
CR (chloroprene) seal (optional): -40 °C to +90 °C
VMQ (silicone) seal (optional): -60 °C to +175 °C
EMC (silicone) seal (optional): -55 °C to +125 °C
Included in delivery
Die-cast aluminium enclosure
consisting of lid, seal, incl. cap-
tive +/- stainless steel screws,
lower part with 4 earthing
screws.
Product overview
Order no.
W x L x H (mm)
Mounting plates
Mounting rails TS 15
Mounting rails TS 35
External fastening stays (pair)
04 08 08 08 0
80 x 80 x 81
10 01 10 60 0
10 06 10 03 0
04 08 12 05 0
80 x 120 x 51
10 01 10 61 0
04 00 00 80 0
04 08 12 08 0
80 x 120 x 81
10 01 10 61 0
10 06 10 50 0
04 00 00 80 0
04 10 10 06 0
100 x 100 x 61
10 01 10 31 0
10 06 10 07 0
10 06 14 71 0
04 00 01 00 0
04 10 16 06 0
100 x 160 x 61
10 01 10 32 0
10 06 10 08 0
10 06 14 72 0
04 00 01 00 0
04 10 20 06 0
100 x 200 x 61
10 01 10 33 0
10 06 10 09 0
10 06 14 73 0
04 00 01 00 0
04 12 12 08 0
120 x 120 x 81
10 01 10 62 0
10 06 10 50 0
10 06 14 83 0
04 00 01 20 0
04 12 16 08 0
120 x 160 x 81
10 01 10 63 0
10 06 10 08 0
10 06 14 72 0
04 00 01 20 0
04 14 14 07 0
140 x 140 x 71
10 01 10 34 0
10 06 10 44 0
10 06 14 74 0
04 00 01 40 0
04 14 18 07 0
140 x 180 x 71
10 01 10 35 0
10 06 10 05 0
10 06 14 75 0
04 00 01 40 0
04 14 22 07 0
140 x 220 x 72
10 01 10 36 0
10 06 10 46 0
10 06 14 76 0
04 00 01 40 0
04 15 18 08 0
150 x 180 x 81
10 01 10 70 0
on request
on request
04 16 16 08 0
160 x 160 x 81
10 01 10 64 0
10 06 10 08 0
10 06 14 72 0
04 00 01 60 0
04 16 24 08 0
160 x 240 x 81
10 01 10 65 0
10 06 10 51 0
10 06 14 84 0
04 00 01 60 0
04 20 20 07 0
200 x 200 x 72
10 01 10 37 0
10 06 10 09 0
10 06 14 73 0
04 00 02 00 0
04 20 28 07 0
200 x 280 x 72
10 01 10 59 0
10 06 10 48 0
10 06 14 81 0
04 00 02 00 0
04 28 28 11 0
280 x 280 x 111
10 01 10 71 0
10 06 10 48 0
10 06 14 81 0
1
) Hard paper, 2) Non-rusting steel, 3) Die-cast aluminium, 4) Please state installation side A-D when ordering, 5) Galvanised sheet steel
3-D data
and drawings
Accessories
Mounting rails
for terminals
Mounting
plates
External
fastening
bars
Pair
Aluminium
External
hinges
Pair
EMC
Shielding
SWB/
SBG/SBGL
Corrosion
protection
HExagon
socket cover
screws
Silicone lid
seal
Sealable
Steel cover
screws
Cover
retaining
strap
Order no.
TS 15 5) TS 35 5)
1
)
3
) 4)
2
)
04 08 08 08 0
*
*
*
*
*
*
*
*
*
*
04 08 12 05 0
*
*
*
*
*
*
*
*
*
*
04 08 12 08 0
*
*
*
*
*
*
*
*
*
*
04 10 10 06 0
*
*
*
*
*
*
*
*
*
*
*
04 10 16 06 0
*
*
*
*
*
*
*
*
*
*
*
04 10 20 06 0
*
*
*
*
*
*
*
*
*
*
*
04 12 12 08 0
*
*
*
*
*
*
*
*
*
*
*
04 12 16 08 0
*
*
*
*
*
*
*
*
*
*
*
04 14 14 07 0
*
*
*
*
*
*
*
*
*
*
*
04 14 18 07 0
*
*
*
*
*
*
*
*
*
*
*
04 14 22 07 0
*
*
*
*
*
*
*
*
*
*
*
04 15 18 08 0
*
*
*
*
*
*
*
*
*
*
04 16 16 08 0
*
*
*
*
*
*
*
*
*
*
*
04 16 24 08 0
*
*
*
*
*
*
*
*
*
*
*
04 20 20 07 0
*
*
*
*
*
*
*
*
*
*
*
04 20 28 07 0
*
*
*
*
*
*
*
*
*
*
*
04 28 28 11 0
*
*
*
*
*
*
*
*
*
*
Aluform
Aluminium enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Aluform
Aluminiumg enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
EN 45545-2
Page
25
ENCLOSURE SYSTEMS
Page
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com