Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37101006 Datasheet(PDF) 24 Page - ROSE Systemtechnik GmbH

Part # 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Datasheet(HTML) 24 Page - ROSE Systemtechnik GmbH

Back Button 37101006 Datasheet HTML 20Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 21Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 22Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 23Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 24Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 25Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 26Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 27Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 28Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Hinge set
Set = 2 pieces
Mounting plates
made of plastic, 2.5 mm
thick including self-tap-
ping fastening screws
and spacers
Accessories
(for all types)
External mounting brackets
60 00 04 00 0
External hinge (pair) up to ECO/PCI 07- (small)
60 00 04 07 0
External hinge (pair) from ECO/PCI 08- (large)
60 00 04 08 0
Knurled screw (set)
60 00 04 01 0
Spacers (set = 8 pcs.)
60 00 04 02 0
Ordner no.
60 00 01 01 0
for ECO/PCI 01-
60 00 01 02 0
for ECO/PCI 02-
60 00 01 03 0
for ECO/PCI 03-
60 00 01 04 0
for ECO/PCI 04-
60 00 01 05 0
for ECO/PCI 05-
60 00 01 06 0
for ECO/PCI 06-
60 00 01 07 0
for ECO/PCI 07-
60 00 01 08 0
for ECO/PCI 08-
60 00 01 09 0
for ECO/PCI 09-
60 00 01 10 0
for ECO/PCI 10-
60 00 01 11 0
for ECO/PCI 11-
Order no.
60 00 04 07 0 up to ECO/PCI 07- (small)
60 00 04 08 0 from ECO/PCI 08- (large)
Knowled screws
Can be snapped onto the lid
screw as a manual twist lock
Set = 4 pieces
Order no. 60 00 04 01 0
Spacers
6 and 8 mm made of plastic for desired distances
between PCBs or mounting plates
Set = 8 pieces
Order no. 60 00 04 02 0
External mountings
Set = 4 pieces
Order no. 60 00 04 00 0
ECO /PCI Compact enclosures
Compact enclosures ECO /PCI / Standard enclosures
INDUSTRIAL ENCLOSURES
ECO /PCI Compact enclosures
Compact enclosures ECO /PCI / Standard enclosures
INDUSTRIAL ENCLOSURES
Page
47
ENCLOSURE SYSTEMS
Page
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com