Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37101006 Datasheet(PDF) 21 Page - ROSE Systemtechnik GmbH

Part # 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Datasheet(HTML) 21 Page - ROSE Systemtechnik GmbH

Back Button 37101006 Datasheet HTML 17Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 18Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 19Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 20Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 21Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 22Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 23Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 24Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 25Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Lightweight plastic enclosure for industrial applications
with flange knockouts
Combination options with other polycarbonate flange enclosures
Quick-lock technology with flange quick-fastening system
Included in delivery
Completely closed enclosure body
with flange break-out points, lid
with plastic quick-lock; 4 threaded
insert bushes for internal fastening
3-D data
and drawings
Product overview
(for all types)
Order no.
Dimensions
W x L x H (mm)
Flange
openings
Mounting rails
TS 35
Earth rails Mounting plates
17 01 10 00 0
170 x 134 x 130
2
10 06 17 24 0
10 06 21 00 0
17 01 60 00 0
17 02 10 00 0
170 x 170 x 130
4
10 06 17 24 0
10 06 21 00 0
17 02 60 00 0
17 03 10 00 0
170 x 269 x 130
4
10 06 17 22 0
10 06 21 01 0
17 03 60 00 0
17 04 10 00 0
269 x 269 x 130
4
10 06 17 22 0
10 06 21 01 0
17 04 60 00 0
17 05 10 00 0
269 x 540 x 130
6
10 06 17 23 0
10 06 21 02 0
17 05 60 00 0
17 06 10 00 0
269 x 441 x 130
4
10 06 17 25 0
10 06 20 11 0
17 06 60 00 0
Accessories
(for all types)
Blind flange I
17 00 31 00 0
Blind flange II
17 00 32 00 0
Connecting flange I
17 00 36 00 0
Connection flange II
17 00 37 00 0
Fixing angle (set of 4), 2 sets required for type 17.05
17 00 42 00 0
Additional threaded bush inserts (set of 10)
10 03 50 03 0
External mounting brackets (set of 4)
10 03 11 04 0
Spare fixing wedges (set of 10)
17 00 41 00 0
Technical data
Material:
Polycarbonate
Colour:
Enclosure: RAL 7032, pebble grey
Protection class:
IP54 according to EN 60529
Impact resistance:
IK07 according to DIN EN60068-2-75
Flammability:
Enclosure: V0 / self-Extinguishing, UL 94
Insulation:
Fully insulated according to VDE 0100
Disruptive strength:
Enclosure: >18 KV/mm, IEC 60243-1
Seal:
CR round cord
Toxicity:
Low halogen
Surface resistance:
1015 Ohm, IEC 60093
Temperature resistance:
-30 °C to +125 °C
Accessories
Order no.
Version
17 00 31 00 0
17.00 31 00 Blind flange I
(125 x 106 mm)
17 00 32 00 0
Blind flange II
(224 x 106 mm)
Blind flange
Order no.
Version
17 00 36 00 0
Connecting flange I
17 00 37 00 0
Connecting flange II
Connecting flange
For connecting two polycarbonate
flange enclosures
*
2 Mounting rails possible = double number of terminals
Polycarbonate Flange
Polycarbonate enclosure / Standard enclosure
INDUSTRIAL ENCLOSURE
Polycarbonate Flange
Polycarbonate enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Page
41
ENCLOSURE SYSTEMS
Page
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com