Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37101006 Datasheet(PDF) 25 Page - ROSE Systemtechnik GmbH

Part # 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Datasheet(HTML) 25 Page - ROSE Systemtechnik GmbH

Back Button 37101006 Datasheet HTML 21Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 22Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 23Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 24Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 25Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 26Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 27Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 28Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 29Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
Double membrane
connecting plug
Set = 2 Pieces
Double membrane connecting plug
IP 66, with 2 integrated sealing
membranes, tight fit without counter nut,
for wall thicknesses 1.5 - 4.5 mm
Applications
Polyglas/Polycase
Polyester enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Order no.
Sealing range (mm)
60 00 05 16 0
50 pcs. M 16
5 – 9
60 00 05 20 0
50 pcs. M 20
7 – 12
60 00 05 25 0
50 pcs. M 25
9 – 16
60 00 05 32 0
50 pcs. M 32
14 – 21
Order no.
60 00 04 20 0
100 pcs. M 20
ECO /PCI Compact enclosures
Compact enclosures ECO /PCI / Standard enclosures
INDUSTRIAL ENCLOSURES
Page
49
ENCLOSURE SYSTEMS
Page
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com