Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37101006 Datasheet(PDF) 32 Page - ROSE Systemtechnik GmbH

Part # 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Datasheet(HTML) 32 Page - ROSE Systemtechnik GmbH

Back Button 37101006 Datasheet HTML 28Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 29Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 30Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 31Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 32Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 33Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 34Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 35Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 36Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Universal industrial enclosures for hygienic areas
High surface quality 1.4301
No gap formation lid/bottom part
Protection class up to IP 69K (on request)
Included in delivery
Lower part of enclosure with
screw-on bars and threaded holes
for mounting rails, 4 base emboss-
ings with fixing holes and sealing
plugs. Alternative: Without fixing
holes, cover with threaded bolt
inside and captive cover screws
3-D data
and drawings
Technical data
Material:
Stainless steel 1,25 mm resp. 1,5 mm; 1.4301 / 304
1.4404/316 on request
Protection class:
IP66 according to EN 60529
IP67 on request
Surface:
ground, grain 240 to grain 320
Temperature resistance:
VMQ (silicone) seal (standard): -60 °C to +175 °C
EMC (silicone) seal (optional): -55 °C to +200 °C
Product overview
Enclosure with mounting bosses and
mounting hole
Enclosure with mounting bosses
without mounting hole
Mounting plates
Weight
(g)
Dimensions
(mm) L x W x H
Order no.
Order no.
Order no.
37 10 10 06 0
37 10 10 96 0
10 01 10 53 0
561
100 x 100 x 61
37 15 10 06 0
37 15 10 96 0
10 01 10 54 0
717
150 x 100 x 61
37 15 15 08 0
37 15 15 98 0
10 01 10 38 0
1175
150 x 150 x 81
37 20 10 06 0
10 01 10 55 0
914
200 x 100 x 61
37 20 20 08 0
37 20 20 98 0
10 01 10 40 0
1792
200 x 200 x 81
37 20 20 12 0
37 20 20 92 0
10 01 10 40 0
2106
200 x 200 x 121
37 30 15 08 0
10 01 10 39 0
1893
300 x 150 x 81
37 30 20 08 0
10 01 10 41 0
2367
300 x 200 x 81
37 30 20 12 0
37 30 20 92 0
10 01 10 41 0
2770
300 x 200 x 121
37 30 30 12 0
10 01 10 44 0
3792
300 x 300 x 121
37 30 30 16 0
10 01 10 44 0
4101
300 x 300 x 161
37 38 38 16 0
10 01 10 45 0
5838
380 x 380 x 161
37 40 15 08 0
10 01 10 56 0
2370
400 x 150 x 81
37 40 20 12 0
10 01 10 43 0
3383
400 x 200 x 121
37 40 30 16 0
10 01 10 48 0
5268
400 x 300 x 161
37 50 30 16 0
10 01 10 57 0
6237
500 x 300 x 161
37 50 40 16 0
10 01 10 49 0
7333
500 x 400 x 161
37 60 20 12 0
10 01 10 58 0
5798
600 x 200 x 121
37 99 99 99 0
Customised size according to
specifications
Accessories
Order no.
Mounting set (Sealing discs, nuts and screws)
37 99 00 01 0
External hinge set (2 pcs.)
37 00 00 02 0
External mounting brackets (4 pcs.)
37 10 50 00 0
Mounting set
Sealing discs, nuts and screws
Order no. 37 99 00 01 0
Stainless steel industrial enclosures
Stainless steel enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Stainless steel Industrial enclosures
Stainless steel enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
DIN EN 45545-2
EN 15085-2 CL2 on request
Page
63
ENCLOSURE SYSTEMS
Page
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com