Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37101006 Datasheet(PDF) 30 Page - ROSE Systemtechnik GmbH

Part # 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Datasheet(HTML) 30 Page - ROSE Systemtechnik GmbH

Back Button 37101006 Datasheet HTML 26Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 27Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 28Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 29Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 30Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 31Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 32Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 33Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 34Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Enclosure system with hinged lid for MCR technology
Standard version, with window or transparent door (ABS)
Included in delivery
Enclosure consisting of base and
door; order door lock separately,
press-fit bushes in base for inter-
nal and External mounting.
3-D data
and drawings
Technical data
Material:
glass fibre reinforced, thermoset polyester/ABS
Colour:
Polyester: RAL 7032, pebble grey
ABS: RAL 7035, light grau
Protection class:
IP65 according to EN 60529
Impact resistance:
IK07 according to EN 60068-2-75
Flammability:
Polyester: V0 / self-Extinguishing, UL 94
ABS: HB, UL 94
Insulation:
Fully insulated according to VDE 0100
Desruptive strength:
Polyester: 26 KV/mm, IEC 60243-1
ABS: 24 KV/mm, IEC 60243-1
Toxicity:
halogen-free
Surface resistance:
Polyester: 4 x 1015 Ohm, IEC 60093
ABS: 4 x 1014 Ohm, IEC 60093
Door-swivel angel:
135°
Temperature resistance:
CR (chloroprene) seal (standard): -40 °C to +90 °C
VMQ (silicone) seal (optional): -60 °C to +165 °C
ABS: -40 °C to +70 °C
with window: -55 °C to +80 °C
Product overview
(for all types)
Dimensions W x L x H
(mm)
Weight
(g)
ABS
"ABS with transparent
door"
Polyester
"Polyester with window"
Size 1
200 x 250 x 150
748
21.20 25 90
22.20 25 90
-
-
Size 2
250 x 300 x 170
1248
21.25 30 90
22.25 30 90
-
-
Size 1
200 x 250 x 150
1300
-
-
21.20 25 00
22.20 25 00
Size 2
250 x 300 x 170
2530
-
-
21.25 30 00
22.25 30 00
Note: Please order enclosure without screw plugs separately on delivery.
Fasteners optional (loose)
Triangular lock 8 mm (1 pc.)
21 62 00 03 0
Square lock 8 mm (1 pc.)
21 62 00 04 0
Toggle handle (1 pc.)
21 62 00 01 0
Toggle handle with lock (1 pc.)
21 62 00 02 0
Accessories (loose)
Mounting plate for size 1 (laminated paper)
10 01 12 05 0
Mounting plate for size 2 (aminated paper)
10 01 12 06 0
Internal aluminium front panel with stud bolts for size 1
10 01 31 01 0
Internal aluminium front panel with stud bolts for size 2
10 01 31 02 0
External mounting brackets (4 pcs.)
10 03 10 10 0
Hole covers for fastenings through the cupboard base (4 pcs.)
10 03 90 02 0
Socket spanner triangular 8 mm
10 04 70 03 0
Socket spanner square 8 mm
10 04 70 04 0
Accessories
Internal front plate with stud bolts
Order no.
for size
10 01 31 01 0
21 20 25
10 01 31 02 0
21 25 30
Mounting plates
Order no.
for size
10 01 12 05 0
21 20 25
10 01 12 06 0
21 25 30
Polyester/ABS Switch gear cabinet
Polyester enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Polyester/ABS Switch gear cabinet
Polyester enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Page
59
ENCLOSURE SYSTEMS
Page
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com