Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37101006 Datasheet(PDF) 3 Page - ROSE Systemtechnik GmbH

Part # 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Datasheet(HTML) 3 Page - ROSE Systemtechnik GmbH

  37101006 Datasheet HTML 1Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 2Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 3Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 4Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 5Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 6Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 7Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 8Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 9Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
Company
ROSE in Germany
Company
ROSE in Germany
Since1969ROSESystemtechnikiswellknown
for their robust and innovative industrial en-
closures. Nowadays the company is not only
one of the leading suppliers for enclosures
but also when it comes to individual solu-
tions. We can maintain a leading position on today’s
world market thanks to over 2,190 reliable employees.
Our products are made to protect sensitive built-in com-
ponents against External influences, they are found in
many different industries such as: railway- and traffic en-
gineering, machine- and plant construction, automation
engineering, potentially Explosive atmospheres, measu-
rement- and control technology as well as the food and
beverage industry.
The 37,000 m² site in Porta Westfalica is home to the
headquarters with around 350 employees who work in
production, sales, marketing and development. In addi-
tion to the site on the edge of the Wiehengebirge, ROSE
Systemtechnik has another plant in Finow. Industrial and
control enclosures, device carriers and accessories are
assembled there. The development and production of our
HMI solutions is located in Hohenlockstedt.
Alongside a wide variety of industrial enclosures, HMI
Panel-PCs and Ex proof enclosures, ROSE Systemtechnik
offers unmatched services, that also provide tailor-made
solutions.
ROSE Systemtechnik sticks out in all categories thanks
to our Extensive service. Enclosures made of aluminium,
polyester, polycarbonate, ABS and stainless steel belong to
our integrated system solutions. Just as the assembly with
i. e. cable glands or terminal blocks and costumer specific
surface finishing as well as packaging and detailed security
tests.
Regarding special requirements, we also develop tailor-
made special enclosures in close contact with the costu-
mer.
Page
5
ENCLOSURE SYSTEMS
Page
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com