Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37101006 Datasheet(PDF) 34 Page - ROSE Systemtechnik GmbH

Part # 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Datasheet(HTML) 34 Page - ROSE Systemtechnik GmbH

Back Button 37101006 Datasheet HTML 30Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 31Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 32Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 33Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 34Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 35Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 36Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 37Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 38Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Universal enclosures with concealed hinge and lock
High surface quality 1.4301
Included in delivery
Enclosure with hinged lid, double-
bit lock, 4 base embossings with
fastening openings and sealing
plugs
3-D data
and drawings
Technical data
Material:
Stainless steel 1,25 mm resp. 1,5 mm; 1.4301/304
1.4404/316 on request
Protection class:
IP66 according to EN 60529
Surface:
ground, grain 240 to grain 320
Temperature resistance:
VMQ (silicone) seal (standard): -60 °C to +175 °C
EMC (silicone) seal on request
Product overview
Order no.
Weight (g)
Mounting plates
Dimensions (mm) L x W x H
37 00 22 09 0
2350
10.01 10 66
200 x 250 x 97
37 00 22 15 0
2880
10.01 10 66
200 x 250 x 157
37 00 32 09 0
3490
10.01 10 67
350 x 250 x 97
37 00 33 16 0
4360
10.01 10 44
300 x 300 x 167
37 00 44 16 0
6080
10.01 10 45
380 x 380 x 167
37 00 44 21 0
6820
10.01 10 45
380 x 380 x 217
37 00 53 16 0
6350
10.01 10 57
500 x 300 x 167
37 00 63 16 0
8750
10.01 10 68
600 x 300 x 167
37 00 64 21 0
11420
10.01 10 69
600 x 380 x 217
37 00 99 00 0
Customised size according to
specifications
Product overview
Mounting set (Sealing discs, nuts and screws)
37 99 00 01 0
External mounting brackets (4 pcs.)
37 10 50 00 0
Mounting set
(Sealing discs, nuts and screws)
Order no. 37 99 00 01 0
Stainless steel Industrial hinged
Stainless steel enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Stainless steel Industrial hinged
Stainless steel enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
DIN EN 45545-2
EN 15085-2 CL2 on request
Page
67
ENCLOSURE SYSTEMS
Page
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com