Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51-040.005. Datasheet(PDF) 28 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 28 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 24Page - EAO AG. 51-040.005. Datasheet HTML 25Page - EAO AG. 51-040.005. Datasheet HTML 26Page - EAO AG. 51-040.005. Datasheet HTML 27Page - EAO AG. 51-040.005. Datasheet HTML 28Page - EAO AG. 51-040.005. Datasheet HTML 29Page - EAO AG. 51-040.005. Datasheet HTML 30Page - EAO AG. 51-040.005. Datasheet HTML 31Page - EAO AG. 51-040.005. Datasheet HTML 32Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
26
01.2010
51
Accessories
Continuation see next page
With the round front bezel sets Ø25 mm the anti-twist ring is part of the sales-package.
Mounting dimensions from page 41
Continuation see next page
With the round front bezel sets Ø25 mm the anti-twist ring is part of the sales-package.
Mounting dimensions from page 41
for flush - level lenses only for protection IP 68
Continuation see next page
ATTENTION
when using the front protection cover for push buttons the external sealing in the front bezel set and the silicone bellows
in the actuator are to be removed !
Front bezel set for Keylock switch, flush mounting
Front bezel
b 24 x 24 mm
Typ-Nr.
a 24 x 30 mm
Typ-Nr.
Ø 25 mm
Typ-Nr.
e
Front bezel set for Keylock
switch, flush mounting
Plastic black
61-9930.0
61-9931.0
61-9932.10
3
0.008
Plastic silver
61-9930.4
61-9931.4
3
0.008
Aluminium black
61-9932.1
3
0.006
Aluminium blue
61-9932.6
3
0.006
Aluminium gold
61-9932.4
3
0.006
Aluminium natural
61-9932.0
3
0.006
Aluminium olive-green
61-9932.5
3
0.006
Aluminium red
61-9932.2
3
0.006
Front bezel set for Selector switch, flush mounting
Front bezel
b 24 x 24 mm
Typ-Nr.
Ø 25 mm
Typ-Nr.
e
Front bezel set for Selector switch, flush moun-
ting
Plastic black
61-9936.0
3
0.007
Aluminium black
61-9932.1
3
0.006
Aluminium blue
61-9932.6
3
0.006
Aluminium gold
61-9932.4
3
0.006
Aluminium natural
61-9932.0
3
0.006
Aluminium olive-green
61-9932.5
3
0.006
Aluminium red
61-9932.2
3
0.006
Plastic black
61-9932.10
3
0.008
Front protective cap
Front protective cap
Typ-Nr.
e
Front protective cap
for front bezel set 24 x 30 mm, flush mounting
Silicone natural transparent
61-9927.2
0.001
for front bezel set 25 mm dia., flush mounting
Silicone natural transparent
84-9103.7
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com