Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51-040.005. Datasheet(PDF) 40 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 40 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 36Page - EAO AG. 51-040.005. Datasheet HTML 37Page - EAO AG. 51-040.005. Datasheet HTML 38Page - EAO AG. 51-040.005. Datasheet HTML 39Page - EAO AG. 51-040.005. Datasheet HTML 40Page - EAO AG. 51-040.005. Datasheet HTML 41Page - EAO AG. 51-040.005. Datasheet HTML 42Page - EAO AG. 51-040.005. Datasheet HTML 43Page - EAO AG. 51-040.005. Datasheet HTML 44Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
51
Marking
38
01.2010
0
>
All dimensions in mm
0
0
>
General notes
1. Engraving
In addition to the most commonly used world
languages, in DIN 1451-3 close spacing, other
typefaces are available as Scandinavian,
Slavic, Greek, Russian and Polish.
Red, blue and black lenses are filled with white
colour. Other colour lenses are filled in black.
Standard height of letters is 2 mm. If the height
is not specified, we will supply 2 mm engraved
letters.
2. Hot stamping
For larger series it is worth considering
markings by means of hot stamping We will
pleased to advise you.
For letters and figures, typefaces with 2.5 mm,
3 mm and 4 mm are available.
3. Film inserts
Instead of using engraving the lenses can be
fitted with transparent film inserts, as an
alternative. For this purpose, though, it is
advisible to use transparent lenses.
In the case of use of a smoke-black lens the
fitted film becomes readable only if the lamp is
on.
The film thickness is 0.2 mm.
Important : Consider pushbutton mounting
orientation befor specifying engraving
characters !
Lenses for indicators and illuminated pushbuttons, raised mounting
Front size
(Lens)
Film insert
max. size
Height of letters
h
Number of lines
Number of (target value)
capital letters per line
Number of (target value)
small letters per line
Image
18 dia.
(15.8 dia.)
12.8 dia.
2
3
6
6
B4
32
5
6
B4
42
3
4
B4
51
2
3
B4
61
2
3
B4
81
2
2
B4
18 x 18
(15.3 x 15.3)
12.7 x 12.7
2
4
7 - 8
8
B3
33
6 - 7
7
B3
42
4 - 5
5
B3
52
3 - 4
4
B3
61
3
3 - 4
B3
81
2 - 3
2 - 3
B3
18 x 24
(15.3 x 21.5)
12.7 x 18.7
2
4
11
12
B1
57 - 8
8
B2
3
3
9 -10
10 - 11
B1
46 - 7
7
B2
42
7
7 - 8
B1
34 - 5
5
B2
52
5 - 6
6
B1
3 - 4
4
B2
61
4 - 5
5
B1
23
3 - 4
B2
81
3 - 4
3 - 4
B1
2 - 3
2 - 3
B2
B1
B2
B4
B3
Engraving
Film
AB
abc
abc
AB
abc
AB
abc
AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com