Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51-040.005. Datasheet(PDF) 9 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 9 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 5Page - EAO AG. 51-040.005. Datasheet HTML 6Page - EAO AG. 51-040.005. Datasheet HTML 7Page - EAO AG. 51-040.005. Datasheet HTML 8Page - EAO AG. 51-040.005. Datasheet HTML 9Page - EAO AG. 51-040.005. Datasheet HTML 10Page - EAO AG. 51-040.005. Datasheet HTML 11Page - EAO AG. 51-040.005. Datasheet HTML 12Page - EAO AG. 51-040.005. Datasheet HTML 13Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
51
Devices raised mounting
7
01.2010
Essential Accessories:
d Lens plastic, raised mounting page 21
d Single-LED page 30
Continuation see next page
Indicators fit also in mounting hole no. 2
Diode (1N 4007): D = Diode, - = without
Terminals: UT = Universal terminal, S = Soldering terminal, S1 = Soldering terminal (also pluggable 2.8 x 0.5 mm)
Component layout from page 40, Mounting dimensions from page 41, Technical drawing from page 42, Circuit drawing from page 47
Indicator actuator
b 18 x 18 mm
Typ-Nr.
a 18 x 24 mm
Typ-Nr.
Ø 18 mm
Typ-Nr.
e
Indicator actuator
IP 65
1 D
UT
51-703.006
51-701.006
51-741.006
4
1
12
78
0.006
2 D
UT
51-704.006
51-702.006
51-742.006
4
1
12
79
0.006
-S
51-050.005
51-040.005
51-030.005
1
12
1
0.004
S1
51-050.002
51-040.002
51-030.002
1
12
1
0.004
UT
51-051.006
51-041.006
51-031.006
41
12
1
0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com