Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51-040.005. Datasheet(PDF) 5 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 5 Page - EAO AG.

  51-040.005. Datasheet HTML 1Page - EAO AG. 51-040.005. Datasheet HTML 2Page - EAO AG. 51-040.005. Datasheet HTML 3Page - EAO AG. 51-040.005. Datasheet HTML 4Page - EAO AG. 51-040.005. Datasheet HTML 5Page - EAO AG. 51-040.005. Datasheet HTML 6Page - EAO AG. 51-040.005. Datasheet HTML 7Page - EAO AG. 51-040.005. Datasheet HTML 8Page - EAO AG. 51-040.005. Datasheet HTML 9Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
3
01.2010
51
Description
General notes
The illuminated pushbuttons of series 51 with hoseproof front (IP 65)
can be supplied with snap-action or low-level switching elements. The
equipment (switches) for raised mounting are protected against
accidental operation by the extended sides of the bezel. Flush mounting
equipment excells with best available ergonomy and low down hight.
To supplement the range of illuminated pushbuttons, we can offer a
hoseproof safety keylock switch with various lock numbers.
Mounting
All switch actuators are mounted from the front by pushing them through
the mounting hole in the front panel. They are then fixed from the back
with a fixing nut and the mounting tool Typ-Nr. 01-907. Max. tightening
torque 50 Ncm.
For switching elements we offer plug-in bases, which when soldered to
a PCB enable a plug-in connection to the button. The rectangular
actuators for raised are provided with an anti-twisting device.
Lenses
The flat or concave lenses are available in various colours, as well as
translucent or transparent. Round lenses for flush mounting equipment
are available in aluminium also.
Because of production related reasons, the colours of anodized
aluminium parts can vary slightly.
Marking
For further information about engraving, hot stamping and film inserts
see part Marking.
Illumination
The T1 3/4 Midget Groove incandescent (filament) lamp (6 ... 48 V)
ensures perfect illumination of the lenses, which are supplied in various
colours.
T1 3/4 Midget Groove Single-LED (6, 12, 24, 28, 48 V) are also available
in blue, green, red, white or yellow.
Luminosity and wave length scattering caused by technologie used in
the LED manufacturing processes may lead to visual differences in our
products.
For supply voltages above 48 V, it is necessary to use a voltage
reduction element (external series resistor or transformer).
Position indication
The status of a maintained action switch can be determinded by the
position of the lens.
Keylock switch
Standard lock (Index D). Standard lock number is 311. If the lock
number is not specified, we will supply standard number 311.
An additional 134 special locks (Index X) are available on request.
Master keys for lock numbers 311 ... 445 may be ordered by quoting
Typ-Nr. 31-989.300. Two keys are supplied with each keylock switch.
Spare keys (Index D) for standard locks may be ordered by quoting
Typ-Nr. 31-989.xxx (please state the lock number).
Specimen order
0
We reserve the right to modify technical data
All dimensions in mm
Product Information
Indicator :
-
Indicator actuator, 18 x 24 mm, soldering
terminal
31-040.005
Essential accessories :
-
Lens plastic blue, transparent, flush,
18 x 24 mm
31-903.6
-
Single-LED, T1 3/4 MG, 24 VAC/DC, blau
10-2J12.1066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com