Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51-040.005. Datasheet(PDF) 49 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 49 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 45Page - EAO AG. 51-040.005. Datasheet HTML 46Page - EAO AG. 51-040.005. Datasheet HTML 47Page - EAO AG. 51-040.005. Datasheet HTML 48Page - EAO AG. 51-040.005. Datasheet HTML 49Page - EAO AG. 51-040.005. Datasheet HTML 50Page - EAO AG. 51-040.005. Datasheet HTML 51Page - EAO AG. 51-040.005. Datasheet HTML 52Page - EAO AG. 51-040.005. Datasheet HTML 53Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
51
Drawings
47
01.2010
18 Selector switch actuator 2 positions, flush mounting page 19
19 Selector switch 2 positions page 11
1 Indicator actuator page 7 | Indicator actuator, flush mounting page 13
2 Illuminated pushbutton actuator page 8 | Illuminated pushbutton actuator, flush mounting page 14
3 Illuminated pushbutton actuator page 8 | Illuminated pushbutton actuator, flush mounting page 14
Circuit drawing
LL1
U
1NC+1NO
2NC+2NO
3NC+3NO
4NC+4NO
41
48.5
56
63.5
48
-
-
-
-
-
-
-
1NC, 1NO, 1NC+1NO, 2NC, 2NO
48
24 x 24 mm
Ø 25 mm
L1
L
9.5
2
1.5 ... 6
U
3
18 x 24 mm
18 x 18 mm
Ø 18 mm
LH + D
L1
U
1NC+1NO
2NC+2NO
3NC+3NO
4NC+4NO
1NC+1NO+D
2NC+2NO+D
32
39.5
47
54.5
36
-
-
-
43.5
51
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1NC, 1NO, 1NC+1NO, 2NC, 2NO
-
39
1.5 ... 6
L
6
14
L1
H+D
U
3
b+(x2)
a-(x1)
3
1x1-
2
4x2+
I
3
1
2
4
II
3
1
2
4
III
3
1
2
4
IV
3
1x1-
2
4x2+
I
3
1
2
4
II
3
1
2
4
III



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com