Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51-040.005. Datasheet(PDF) 30 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 30 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 26Page - EAO AG. 51-040.005. Datasheet HTML 27Page - EAO AG. 51-040.005. Datasheet HTML 28Page - EAO AG. 51-040.005. Datasheet HTML 29Page - EAO AG. 51-040.005. Datasheet HTML 30Page - EAO AG. 51-040.005. Datasheet HTML 31Page - EAO AG. 51-040.005. Datasheet HTML 32Page - EAO AG. 51-040.005. Datasheet HTML 33Page - EAO AG. 51-040.005. Datasheet HTML 34Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
28
01.2010
51
Accessories
Continuation see next page
Continuation see next page
Other lock numbers on request
Continuation see next page
>
Continuation see next page
PCB plug-in base Pins right-angle : With the extendable mounting the distance between plug-in base and PCB can be
varied up to 3 mm.
Terminals: P = PCB terminal
Component layout from page 40
Continuation see next page
Master key
Typ-Nr.
e
Master key
Lock numbers 311 ... 445 (DOM)
31-989.300
0.006
Spare key
Typ-Nr.
e
Spare key
Key lock switch, standard lock 311 (DOM)
31-989.311
0.006
EMC Key protection cap
Typ-Nr.
e
EMC Key protection cap
Plastic black, for lock type DOM
31-985.0
0.005
Backside
PCB plug-in base
Typ-Nr.
e
PCB plug-in base
16.4 mm dia. x 9.8 mm for Low level switching element, Pins axial
P
31-940
2
0.002
17.8 x 12.9 mm x 9.8 mm for Snap-action switching element 2.8 mm, Pins axial
P
31-942
3
0.002
17.9 x 17.9 x 8.4 mm for Low level switching element, Pins bent at right-angle
P
31-941
1
0.004
Multi-plug housing
Typ-Nr.
e
Multi-plug housing
for Switching block
51-943.0
0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com