Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51-040.005. Datasheet(PDF) 36 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 36 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 32Page - EAO AG. 51-040.005. Datasheet HTML 33Page - EAO AG. 51-040.005. Datasheet HTML 34Page - EAO AG. 51-040.005. Datasheet HTML 35Page - EAO AG. 51-040.005. Datasheet HTML 36Page - EAO AG. 51-040.005. Datasheet HTML 37Page - EAO AG. 51-040.005. Datasheet HTML 38Page - EAO AG. 51-040.005. Datasheet HTML 39Page - EAO AG. 51-040.005. Datasheet HTML 40Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
34
01.2010
51
Technical Data
Declaration of conformity
CE
>
Switching system
Self-cleaning, double-break, snap action switching system
1 normally closed or 1 normally open contact per element.
Material
Material of contact
Gold plated hardsilver
Switch housing
Diallylphthalate (DAP), heat-resistant and self-extinguishing
Actuator housing
Polyetherimide, self-extinguishing
Mechanical characteristics
Terminals
Soldering terminal which can also be used as plug-in terminal
2.8 x 0.5 mm:
Max. wire diameter 2 wires of 1 mm
Max. wire cross-section of stranded cable 2 x 0.75 mm²
Actuating torque
2.5 Ncm ... 5.5 Ncm, depending on the number of switching
elements. Measured at the key or lever of the keylock- or selector
switch.
Actuating travel
Keylock-/selector switch actuator with 3 positions
2x ca. 42° deflection momentary action
2x ca. 90° deflection maintained action
Rebound time
≤5ms
Mechanical lifetime
0
Electrical characteristics
Electrostatic discharge (ESD)
≤15 KV (Keylock switch)
Conventional free air thermal current
5 A
The maximum current in continuous operation and at ambient
temperature not exceeding the quoted maximum values.
Switch rating
250 VAC, 5 A (cos
φ 0,75)
Electric strength
2500 VAC, 50 Hz, 1 min. between all terminals and earth, as per
IEC 60512-2-11
Protection class
II
Environmental conditions
Storage temperature
-40 °C ... +85 °C
Service temperature
-25 °C ... +55 °C
for selector switches mounted as a block, make sure the heat can
escape freely
Protection degree
Front side, as per IEC 60529
IP 65 keylock switch
IP 40 selector switch
Approvals
Approbations
CB (IEC 61058)
CSA
ENEC (EN 61058)
Germanischer Lloyd
UL
Declaration of conformity
CE
>
Switching system
This low level switching element was designed for switching low
powers in electronic circuits. The mechanism assures reliable swit-
ching of loads ranging from a few
μA / μV up to 100 mA / 42 VAC/
DC.
Single-break momentary contact, as normally open or normally
closed with 4 independent points of contact. 2 momentary contacts
per switching element; combination of normally open and normally
closed is possible.
Special features are the long life, extremely short rebound time and
stable contact resistance.
Material
Material of contact
Gold plated
Switch housing
Polysulfone, heat-resistant and self-extinguishing
Actuator housing
Polyetherimide, self-extinguishing
Mechanical characteristics
Terminals
The universal terminals permit these units to be mounted on printed
circuit boards (PCB). These terminals can also be used as
soldering or plug-in terminals.
For these terminals we can also supply a plug-in base which, when
soldered on to the board, enables the switch to be plugged in.
Soldering terminal:
Max. wire diameter 2 wires à 0.8 mm
Max. wire cross-section of stranded cable 1x 0.75 mm²
Plug-in terminal 2.0 x 0.5 mm
Actuating torque
2.5 Ncm ... 5.5 Ncm, measured at the key or lever of the keylock- or
selector switch
Actuator with snap-action switching element block
(Keylock- and Selector switch 3 positions)
Keylock switch
50 000 cycles of operation
Selector switch
100 000 cycles of operation
Actuator with low level switching element



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com