Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51-040.005. Datasheet(PDF) 31 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 31 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 27Page - EAO AG. 51-040.005. Datasheet HTML 28Page - EAO AG. 51-040.005. Datasheet HTML 29Page - EAO AG. 51-040.005. Datasheet HTML 30Page - EAO AG. 51-040.005. Datasheet HTML 31Page - EAO AG. 51-040.005. Datasheet HTML 32Page - EAO AG. 51-040.005. Datasheet HTML 33Page - EAO AG. 51-040.005. Datasheet HTML 34Page - EAO AG. 51-040.005. Datasheet HTML 35Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
29
01.2010
51
Accessories
Continuation see next page
Continuation see next page
Continuation see next page
>
Continuation see next page
Flat receptacle
Typ-Nr.
e
Flat receptacle
2.0 x 0.5 mm for Universal terminal
31-945
0.001
2.8 x 0.5 mm for Multi-plug housing
51-943.1
0.001
2.8 x 0.5 mm for Plug-in terminal
31-946
0.001
Insulation sleeve
Typ-Nr.
e
Insulation sleeve
Cover Plug-in terminals for snap-action switching element 2.8 mm
01-928
0.001
for Flat receptacle 31-945
31-928
0.001
for Flat receptacle 31-946
31-929
0.001
Terminal cover
Typ-Nr.
e
Terminal cover
01-929
0.010
Illumination
Filament lamp
Socket
Operating voltage/-current
Typ-Nr.
e
Filament lamp
T1 3/4 MG
12 VAC/DC, 75 mA
10-1309.1309
0.001
14 VAC/DC, 80 mA
10-1310.1319
0.001
18 VAC/DC, 40 mA
10-1311.1249
0.001
24 VAC/DC, 35 mA
10-1312.1229
0.001
28 VAC/DC, 30 mA
10-1313.1209
0.001
28 VAC/DC, 40 mA
10-1313.1249
0.001
36 VAC/DC, 20 mA
10-1316.1179
0.001
36 VAC/DC, 30 mA
10-1316.1209
0.001
48 VAC/DC, 20 mA
10-1319.1179
0.001
48 VAC/DC, 25 mA
10-1319.1199
0.001
6 VAC/DC, 120 mA
10-1306.1349
0.001
6.3 VAC/DC, 200 mA
10-1307.1369
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com