Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4525DEZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADR4525DEZ-R7
Description  Evaluating the AD5766 or the AD5767, 16-Channel, 16-/12-Bit Voltage Output DenseDACs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4525DEZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADR4525DEZ-R7 Datasheet HTML 1Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 2Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 3Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 4Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 5Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 6Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 7Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 8Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
User Guide
EVAL-AD5766ARDZ/EVAL-AD5767ARDZ
EVALUATION BOARD HARDWARE
analog.com
Rev. 0 | 3 of 17
POWER SUPPLIES AND DEFAULT LINK
OPTIONS
The EVAL-AD5766ARDZ/EVAL-AD5767ARDZ evaluation board
can be powered using the on-board ADP5071 or from well regu-
lated bench supplies. See Table 1 for the on-board jumper configu-
rations for each power supply solution.
Table 1. Jumper Configurations for the ADP5071 and Bench Supply
Link
ADP5071
Bench Supply
PWR_SEL
Position 1-2
Position 1-2
AVDD_SEL
Position 1-2
Position 2-3
AVSS_SEL
Position 2-3
Position 1-2
AVCC_SEL
Position 1-2
Position 1-2
REF_SEL
Position 2-3
Position 2-3
JP4
Connected
Connected
The on-board ADP5071, supplied with a 3.3 V supply via the
PWR_SEL connector, or the supply from the SDP-K1 (in this
configuration, make sure to supply AVCC externally; AVCC_SEL:
2-3), can power the EVAL-AD5766ARDZ/EVAL-AD5767ARDZ eval-
uation boards. Alternatively, the evaluation boards can also be
powered externally; AVDD and AVSS through the P8 connector while
AVCC uses the EXT_AVCC connector. See Figure 3 for a function-
al block diagram of the EVAL-AD5766ARDZ/EVAL-AD5767ARDZ
evaluation boards.
For either power supply option, place the links in their required
operating set up before supplying the evaluation boards (see Table
3).
Figure 3. Powering the EVAL-AD5766ARDZ/EVAL-AD5767ARDZ Evaluation Boards
Table 2. Quick Start on Power Supply Requirements for the EVAL-AD5766ARDZ/EVAL-AD5767ARDZ
Board Supply
Compatible Output Voltage
Ranges (V)
Power Supplies Required
AVSS Maximum (V)
AVDD Minimum (V)
AVCC and VLOGIC Nominal(V)
ADP5071
−20 to 0
Not required
Not required
3.3
−16 to 0
Not required
Not required
3.3
−10 to 0
Not required
Not required
3.3
−10 to +6
Not required
Not required
3.3
−5 to +5
Not required
Not required
3.3
Bench Supply
−20 to 0
−22
2.97
3.3
−16 to 0
−18
2.97
3.3
−10 to 0
−12
2.97
3.3
−10 to +6
−12
8
3.3
−12 to +14
−14
16
3.3
−16 to +10
−18
12
3.3
−5 to +5
−7
7
3.3
−10 to +10
−12
12
3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com