Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4525DEZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR4525DEZ-R7
Description  Evaluating the AD5766 or the AD5767, 16-Channel, 16-/12-Bit Voltage Output DenseDACs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4525DEZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADR4525DEZ-R7 Datasheet HTML 1Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 2Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 3Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 4Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 5Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 6Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 7Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 8Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
User Guide | EVAL-AD5766ARDZ/EVAL-
AD5767ARDZ
UG-2265
Evaluating the AD5766 or the AD5767, 16-Channel, 16-/12-Bit Voltage Output DenseDACs
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | 1 of 17
FEATURES
►
Full featured evaluation boards for the AD5766/AD5767 with the
ADP5071 power solution
►
PC control in conjunction with the Analog Devices, Inc., EVAL-
SDP-CK1Z (SDP-K1) controller board
►
PC software for control using the Analysis | Control | Evalua-
tion (ACE) Software
GENERAL DESCRIPTION
The EVAL-AD5766ARDZ/EVAL-AD5767ARDZ are fully featured
evaluation boards designed to easily evaluate all features of the
AD5766/AD5767 16‑channel, 16-bit/12-bit, voltage output digital-to-
analog converters (DACs).
These evaluation boards integrate a power solution using the
ADP5071. The ADP5071 switching regulator offers a power solution
by generating a bipolar supply of +8 V and −22 V from a +3.3
V input to create a DAC voltage output range of −20 V to +6 V.
Alternatively, supplying the DAC with a linear power supply via
AVDD_SEL and AVSS_SEL generates all ranges.
The on-board connector, via P6, or the EVALSDP-CK1Z (SDP-
K1) system demonstration platform (SDP) board, can control the
AD5766/AD5767. The SDP-K1 enables the control of the evaluation
boards through the USB port of a Windows
®-based PC using the
AD5766/AD5767 evaluation software, ACE.
The AD5766/AD5767 are 16-channel, 16-bit/12-bit, voltage output
denseDAC
® converters. The DACs generate output ranges from
a 2.5 V reference. Output buffers permit the AD5766/AD5767 to
source or sink up to 20 mA.
The AD5766/AD5767 require four power supplies. AVDD and AVSS
are the positive and negative high voltage power supplies, AVCC is
the analog supply for the low voltage DAC circuitry, and a VLOGIC
supply pin sets the logic levels for the digital interface pins.
The ACE Software of the EVAL-AD5766ARDZ/EVAL-
AD5767ARDZ has an intuitive graphical user interface (GUI) for
the configuration of AD5766/AD5767 modes of operation. Visit the
ACE Software page to view the plug-in modules for the evaluation
boards of many other Analog Devices devices.
Complete specifications for the AD5766/AD5767 are available in
the AD5766/AD5767 data sheet, which must be consulted in con-
junction with this user guide when using the EVAL-AD5766ARDZ/
EVAL-AD5767ARDZ.
EVALUATION BOARD PHOTOGRAPHS
Figure 1. EVAL-AD5766ARDZ Evaluation Board
Figure 2. EVAL-AD5767ARDZ Evaluation Board


Similar Part No. - ADR4525DEZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR4525DEZ-R7 AD-ADR4525DEZ-R7 Datasheet
1Mb / 40P
Ultralow Noise, High Accuracy Voltage References
Rev. D
More results

Similar Description - ADR4525DEZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADP7158 AD-EVAL-ADP7158 Datasheet
217Kb / 8P
Evaluating the ADP7158 Ultralow Noise
Rev. 0
UG-042 AD-UG-042 Datasheet
526Kb / 8P
Evaluating the 16-Lead SOIC and the 16-Lead QSOP Digital Isolators
Rev. C
logo
Texas Instruments
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
Analog Devices
AD5766 AD-AD5766 Datasheet
1Mb / 43P
16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
1/2018-Rev. B to Rev. C
AD5767 AD-AD5767 Datasheet
1Mb / 43P
16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
1/2018-Rev. B to Rev. C
logo
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
Analog Devices
AD5512A AD-AD5512A Datasheet
503Kb / 21P
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C
AD5629R AD-AD5629R_18 Datasheet
1Mb / 30P
Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
6/2018-Rev. E to Rev. F
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
16-Channel, 16-Bit Voltage Output SoftSpan DAC
6/2021-Revision 0
DC2873A AD-DC2873A Datasheet
1Mb / 12P
Evaluating the LTC2688 16-Channel, 16-Bit Voltage Output SoftSpan DAC
6/2021-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com