Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4525DEZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR4525DEZ-R7
Description  Evaluating the AD5766 or the AD5767, 16-Channel, 16-/12-Bit Voltage Output DenseDACs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4525DEZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADR4525DEZ-R7 Datasheet HTML 1Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 2Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 3Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 4Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 5Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 6Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 7Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 8Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
User Guide
EVAL-AD5766ARDZ/EVAL-AD5767ARDZ
EVALUATION BOARD HARDWARE
analog.com
Rev. 0 | 4 of 17
ADP5071 POWER SOLUTION OPTION
The EVAL-AD5766ARDZ/EVAL-AD5767ARDZ evaluation boards
are populated with the ADP5071 switching regulator. This regulator
generates +8 V and −22 V supplies. The ADP5071 data sheet
recommends 3.3 V for correct operation.
Two ways to power the ADP5071 are available using the
PWR_SEL options. First, use an external 3.3 V supply (recom-
mended). This method involves connecting an external 3.3 V sup-
ply, which provides a stable and reliable power source, especially
for more demanding applications. This method is recommended for
most cases to ensure optimal performance. The other option is by
using the SDP-K1 as the power supply.
To select the power source for AVCC, use the AVCC_SEL jumper.
Position 1-2 on AVCC_SEL ties AVCC and the ADP5071 supplies
together to operate from a single 3.3 V supply. Alternatively, Posi-
tion 2-3 on AVCC_SEL powers AVCC with an external supply via the
EXT_AVCC connector. Refer to Table 3 for all the link options. Note
that the −12 V to +14 V, −16 V to +10 V, or −10 V to +10 V output
voltage ranges are not available with the default configuration of the
ADP5071 because a minimum of 2 V headroom is required.
Table 3. Link Options
Link Options
Description
AVCC_SEL
Selects the power supply for the DAC AVCC pin; requires 2.97 V to 3.6 V for correct operation
Position 1-2: supplied by PWR_SEL connector
Position 2-3: supplied by external power supply through the EXT_AVCC connector, see Table 4 for more information
AVDD_SEL
Selects the power supply for the DAC AVDD pin; ensure that the voltage between AVDD and AVSS does not exceed 34 V
Position 1-2: supplied by the ADP5071 power solution
Position 2-3: supplied by an external power supply through the P8 connector
AVSS_SEL
Selects the power supply for DAC AVSS pin; ensure that the voltage between AVDD and AVSS does not exceed 34 V
Position 1-2: supplied by an external power supply through the P8 block
Position 2-3: supplied by the ADP5071 power solution
REF_SEL
Selects the voltage reference source
Position 1-2: selects an external reference source that can applied at the EXT_VREF SMB connector
Position 2-3: selects the ADR4525 2.5 V reference
PWR_SEL
Selects the power supply source
Position 1-2: supplied by an external reference source that can applied at the EXT_3V3 (P7) connector
Position 2-3: supplied by the SDP-K1 controller board
JP1
Selects the switching frequency of the ADP5071; this link is replaced with a 0 Ω resistor to either position
Position A: 2.4 MHz switching frequency
Position B: 1.2 MHz switching frequency
No link inserted: external clock
JP2
Selects the slew rate of the ADP5071 output; this link is replaced with a 0 Ω resistor to either position
Position A: normal slew rate
Position B: slowest slew rate (best noise performance)
No link inserted: fastest slew rate (best efficiency)
JP3
Selects the start-up sequence of the ADP5071 outputs
Position A: positive and negative output rails power up simultaneously when EN2 is high
Position B: positive and negative output rails are sequenced based on the state of the EN1 and EN2 pins
No link inserted: manual enable mode
JP4
Connected and supplied by the AVCC supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com