Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4525DEZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR4525DEZ-R7
Description  Evaluating the AD5766 or the AD5767, 16-Channel, 16-/12-Bit Voltage Output DenseDACs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4525DEZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR4525DEZ-R7 Datasheet HTML 5Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 6Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 7Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 8Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 9Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 10Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 11Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 12Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
User Guide
EVAL-AD5766ARDZ/EVAL-AD5767ARDZ
EVALUATION BOARD SOFTWARE
analog.com
Rev. 0 | 9 of 17
Figure 9. Span Selection Window
Table 6. GUI Options1
Label No.
GUI Element
Description
1
Apply Changes
Click this button to submit any changes on the GUI to the hardware of the evaluation boards.
2
Reset Chip
Click this button to issue a hardware reset and revert the software and hardware registers to their default settings.
3
Write to Input Reg
This dropdown menu allows users to write to the input register, write to the input register and the DAC register, or write to the
input register and update all DAC registers.
4
Select output
Channels display. This dropdown menu allows users to select Channel 0 - 3, Channel 4 - 7, Channel 8 - 11, or Channel 12 -
15 for VOUT in the AD5766 Chip tab.
5
Input Register
The user can input data to write to the input register. Note that there is one input register per channel.
6
DAC Register
This is a graphical representation of the DAC register. Note that there is one DAC register per channel.
7
RANGE SET DAC
Click RANGE SET DAC to select the output voltage range from the SPAN SELECTION window (see Figure 9).
8
DAC 0 to DAC 3
Click the DAC x to apply a dither signal or to enable or disable the update for the selected DAC register with data from the
corresponding input register (software load DAC).
9
Signal , Invert, and Scale
These dropdown menus allow users to select the dither options for each channel.
10
16-To-1 MUX
Use this area to select which channel to route to the AD5766/AD5767 MUX_OUT pin.
11
SOFTWARE RESET
Issues a software reset and reverts the software and hardware registers to their default settings.
12
Proceed to Memory Map
Click this button to open the AD5766 Memory Map tab (see Figure 7).
1 See Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com