Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4525DEZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADR4525DEZ-R7
Description  Evaluating the AD5766 or the AD5767, 16-Channel, 16-/12-Bit Voltage Output DenseDACs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4525DEZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADR4525DEZ-R7 Datasheet HTML 9Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 10Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 11Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 12Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 13Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 14Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 15Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 16Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
User Guide
EVAL-AD5766ARDZ/EVAL-AD5767ARDZ
ORDERING INFORMATION
analog.com
Rev. 0 | 16 of 17
BILL OF MATERIALS
Table 7. Bill of Materials
Reference Designator
Description
Part Number
AVCC_SEL, AVDD_SEL, AVSS_SEL, PWR_SEL, REF_SEL
Connectors, printed circuit board (PCB), 3-position male header,
unshrouded, single row straight, 2.54 mm pitch, 5.84 mm post height,
2.54 mm solder tail
HTSW-103-07-G-S
C1
Ceramic capacitor, 0.1 μF, 16 V, 10%, X7R, 0402, AEC-Q200
GCM155R71C104KA55D
C2, C3, C6, C9, C10, C12, C14, C17, C23, C24, C27, C28, C35
Ceramic capacitors, 10 μF, 10V, 20%, X5R, 0603
GRM188R61A106ME69D
C4, C25, C26, C29, C30, C36
Ceramic capacitors, 0.1 μF, 16 V, 10%, X7R, 0603
0603YC104KAT2A
C5, C18
Ceramic capacitors, 1 μF, 25 V, 10%, X5R, 0603
CC0603KRX5R8BB105
C7
Ceramic capacitor, 0.1 μF, 50 V, 10%, X7R, 0603
C0603R104K5RACT500
C8
Ceramic capacitor, 1 μF, 16 V, 10%, X7R, 0603
0603YC105KAT2A
C11
Ceramic capacitor, 27 pF, 50 V, 5%, C0G, 0603
2238 867 15279
C13
Ceramic capacitor, 33 pF, 50 V, 5%, C0G, 0402
CL05C330JB5NNNC
C15
Ceramic capacitor, 27 nF, 50 V, 10%, X7R, 0603
06035C273KAT2A
C16
Ceramic capacitor, 0.012 μF, 50 V, 5%, X7R, 0603
06035C123JAT2A
D1
Schottky diode, barrier rectifier
PD3S160-7
D2
Schottky diode, power rectifier surface-mounted device (SMD)
MBR0520LT1G
EXT_AVCC, P7
Connector, PCB, 2-position terminal, block side entry, 5 mm pitch
6.91103E+11
JP1 to JP3
Resistor, SMD, 0 Ω, jumpers, 1/10 W, 0402, AEC-Q200
ERJ-2GE0R00X
JP4
Resistor, SMD, 0 Ω, jumper, 1/10 W, 0402, AEC-Q200
ERJ-2GE0R00X
L1, L4, L5
Inductors, power shielded, wire wound, 1.6 A, 0.0912 Ω, DC resistance
(DCR)
LQH32PN2R2NN0L
L2
Inductor, power shielded, 0.016 Ω DCR, 4.1A
SLF6045T-1R5N4R0-3PF
L3
Inductor, power shielded, DCR, 0.0522 Ω, 2.7 A
XFL4020-472MEC
P1
Connector, PCB, receptacle, 25 mil, square post, 2.54 mm pitch
SSQ-106-03-G-S
P2, P5
Connector, PCB, receptacles, 25 mil, square post, 2.54 mm pitch
SSQ-108-03-G-S
P4
Connector, PCB, receptacle, 25 mil, square post, 2.54 mm pitch
SSQ-110-03-G-S
P8
Connector, PCB, term block, 3-position
1727023
P9, P10
Connector, PCB, 16-pin headers, straight
TSW-108-08-G-D
R1, R9, R12, R15, R19
Resistors, SMD, 0 Ω jumper, 1/10 W, 0603
RC0603JR-070RL
R4, R5, R8
Resistors, SMD, 100 kΩ, 1%, 1/16 W, 0603
MC 0.063W 0603 1%
100K
R17, R18
Resistors, SMD, 0 Ω, 1/8 W, 0805, for combination footprint use
ALT_SYMBOLS
RCG08050000Z0EA
R20
Resistor, SMD, 30.1 kΩ, 1%, 1/10 W, 0603, AEC-Q200
ERJ-3EKF3012V
R21
Resistor, 19.6 kΩ, 0.5%, 1/10 W, 0603, AEC-Q200
RNCF0603DTE19K6
R22
Resistor, SMD, 255 kΩ, 1%, 1/10 W, 0402, AEC-Q200
ERJ-2RKF2553X
R23
Resistor, SMD, 3.57 kΩ, 1%, 1/10 W, 0402, AEC-Q200
ERJ-2RKF3571X
R24
Resistor, SMD, 14.7 Ω, 1%, 1/16 W, 0402, AEC-Q200
CRCW040214R7FKED
R25
Resistor, SMD, 11.8 kΩ, 1%, 1/10 W, 0603
RC0603FR-0711K8L
R26
Resistor, SMD, 13.7 kΩ, 1%, 1/16 W, 0402, AEC-Q200
CRCW040213K7FKED
R27
Resistor, SMD, 82.5 kΩ, 1%, 1/16 W, 0402
RC0402FR-0782K5L
R28
Resistor, SMD, 9.09 kΩ, 1%, 1/10 W, 0603, AEC-Q200
ERJ-3EKF9091V
R29
Resistor, SMD, 102 kΩ, 1%, 1/10 W, 0402, AEC-Q200
ERJ-2RKF1023X
R34 to R37, R42 to R45, R50 to R53, R58 to R61, R63
Resistors, SMD, 0 Ω jumper, ½ W, 0805, AEC-Q200, pulse proof
CRCW08050000Z0EAHP
TP2 to TP7
Connector, PCB, white test points
5002
U1
IC, 32 KBIT serial electrically erasable programmable read-only
memory (EEPROM)
24AA32A-I/SN
U2
2 A/1.2 A dc-to-dc switching regulator with independent positive and
negative outputs
ADP5071ACPZ-R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com