Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4525DEZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADR4525DEZ-R7
Description  Evaluating the AD5766 or the AD5767, 16-Channel, 16-/12-Bit Voltage Output DenseDACs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4525DEZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR4525DEZ-R7 Datasheet HTML 2Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 3Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 4Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 5Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 6Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 7Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 8Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 9Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
User Guide
EVAL-AD5766ARDZ/EVAL-AD5767ARDZ
EVALUATION BOARD SOFTWARE
analog.com
Rev. 0 | 6 of 17
ACE SOFTWARE INSTALLATION
The EVAL-AD5766ARDZ/EVAL-AD5767ARDZ evaluation boards
use the Analog Devices Analysis | Control | Evaluation (ACE)
Software, a desktop software application that allows the evaluation
and control of multiple evaluation systems.
The ACE Software is available for download from the EVAL-
AD5766ARDZ and EVAL-AD5767ARDZ evaluation board pages
and must be installed before connecting the EVAL-SDP-CK1Z
(SDP-K1) controller board to the USB port of the PC to ensure that
the EVAL-SDP-CK1Z (SDP-K1) is recognized when it connects to
the PC. The ACE installer installs the necessary SDP drivers and
the Microsoft
® .NET Framework 4 by default. For full instructions on
how to install and use this software, see the ACE Software page
on the Analog Devices website.
After the ACE Software installation is completed and the
user opens this software, the EVAL-AD5766ARDZ or EVAL-
AD5767ARDZ evaluation board plug-in appears.
ACE SOFTWARE OPERATION
To use the ACE Software with the AD5766 or AD5767, take the
following steps:
1. To launch the ACE Software, click Start > All Programs >
Analog Devices > ACE. The ACE Software then opens in the
Start tab and recognizes the EVAL-AD5766ARDZ. Note that
the interface is the same for the EVAL-AD5767ARDZ, except
for the board name (see Figure 4).
2. Double click the EVAL-AD5766ARDZ icon under the Attached
Hardware section to open the EVAL-AD5766ARDZ tab (see
Figure 4 and Figure 5).
3. Double click the AD5766 icon to open the AD5766 chip tab
(see Figure 6). This tab displays the block diagram and allows
the user to configure the digital-to-analog converter (DAC)
input registers and control registers. The hardware registers on
the AD5766/AD5767 are not altered until the Apply Changes
button is clicked.
4. Click Proceed to Memory Map (Label 12 in Figure 8) to
open the AD5766 Memory Map tab and allow access to all
registers (see Figure 7). The hardware registers on the AD5766
or AD5767 are not altered until the Apply Changes button is
clicked.
For a detailed description of all GUI options, see Figure 8 and Table
6.
Figure 4. Start Tab for the EVAL-AD5766ARDZ ACE Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com