Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4525DEZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADR4525DEZ-R7
Description  Evaluating the AD5766 or the AD5767, 16-Channel, 16-/12-Bit Voltage Output DenseDACs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4525DEZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADR4525DEZ-R7 Datasheet HTML 9Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 10Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 11Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 12Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 13Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 14Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 15Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 16Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
User Guide
EVAL-AD5766ARDZ/EVAL-AD5767ARDZ
ORDERING INFORMATION
ESD Caution
ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can discharge without detection. Although this product features patented or proprietary
protection circuitry, damage may occur on devices subjected to high energy ESD. Therefore, proper ESD precautions should be taken to avoid performance degradation or loss of
functionality.
Legal Terms and Conditions
By using the evaluation board discussed herein (together with any tools, components documentation or support materials, the “Evaluation Board”), you are agreeing to be bound by the terms and
conditions set forth below (“Agreement”) unless you have purchased the Evaluation Board, in which case the Analog Devices Standard Terms and Conditions of Sale shall govern. Do not use the
Evaluation Board until you have read and agreed to the Agreement. Your use of the Evaluation Board shall signify your acceptance of the Agreement. This Agreement is made by and between you
(“Customer”) and Analog Devices, Inc. (“ADI”), with its principal place of business at Subject to the terms and conditions of the Agreement, ADI hereby grants to Customer a free, limited, personal,
temporary, non-exclusive, non-sublicensable, non-transferable license to use the Evaluation Board FOR EVALUATION PURPOSES ONLY. Customer understands and agrees that the Evaluation
Board is provided for the sole and exclusive purpose referenced above, and agrees not to use the Evaluation Board for any other purpose. Furthermore, the license granted is expressly made
subject to the following additional limitations: Customer shall not (i) rent, lease, display, sell, transfer, assign, sublicense, or distribute the Evaluation Board; and (ii) permit any Third Party to access
the Evaluation Board. As used herein, the term “Third Party” includes any entity other than ADI, Customer, their employees, affiliates and in-house consultants. The Evaluation Board is NOT sold
to Customer; all rights not expressly granted herein, including ownership of the Evaluation Board, are reserved by ADI. CONFIDENTIALITY. This Agreement and the Evaluation Board shall all be
considered the confidential and proprietary information of ADI. Customer may not disclose or transfer any portion of the Evaluation Board to any other party for any reason. Upon discontinuation
of use of the Evaluation Board or termination of this Agreement, Customer agrees to promptly return the Evaluation Board to ADI. ADDITIONAL RESTRICTIONS. Customer may not disassemble,
decompile or reverse engineer chips on the Evaluation Board. Customer shall inform ADI of any occurred damages or any modifications or alterations it makes to the Evaluation Board, including
but not limited to soldering or any other activity that affects the material content of the Evaluation Board. Modifications to the Evaluation Board must comply with applicable law, including but
not limited to the RoHS Directive. TERMINATION. ADI may terminate this Agreement at any time upon giving written notice to Customer. Customer agrees to return to ADI the Evaluation Board
at that time. LIMITATION OF LIABILITY. THE EVALUATION BOARD PROVIDED HEREUNDER IS PROVIDED “AS IS” AND ADI MAKES NO WARRANTIES OR REPRESENTATIONS OF ANY
KIND WITH RESPECT TO IT. ADI SPECIFICALLY DISCLAIMS ANY REPRESENTATIONS, ENDORSEMENTS, GUARANTEES, OR WARRANTIES, EXPRESS OR IMPLIED, RELATED TO THE
EVALUATION BOARD INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, TITLE, FITNESS FOR A PARTICULAR PURPOSE OR NONINFRINGEMENT OF
INTELLECTUAL PROPERTY RIGHTS. IN NO EVENT WILL ADI AND ITS LICENSORS BE LIABLE FOR ANY INCIDENTAL, SPECIAL, INDIRECT, OR CONSEQUENTIAL DAMAGES RESULTING
FROM CUSTOMER’S POSSESSION OR USE OF THE EVALUATION BOARD, INCLUDING BUT NOT LIMITED TO LOST PROFITS, DELAY COSTS, LABOR COSTS OR LOSS OF GOODWILL.
ADI’S TOTAL LIABILITY FROM ANY AND ALL CAUSES SHALL BE LIMITED TO THE AMOUNT OF ONE HUNDRED US DOLLARS ($100.00). EXPORT. Customer agrees that it will not directly or
indirectly export the Evaluation Board to another country, and that it will comply with all applicable United States federal laws and regulations relating to exports. GOVERNING LAW. This Agreement
shall be governed by and construed in accordance with the substantive laws of the Commonwealth of Massachusetts (excluding conflict of law rules). Any legal action regarding this Agreement will
be heard in the state or federal courts having jurisdiction in Suffolk County, Massachusetts, and Customer hereby submits to the personal jurisdiction and venue of such courts. The United Nations
Convention on Contracts for the International Sale of Goods shall not apply to this Agreement and is expressly disclaimed.
©2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 17 of 17
Table 7. Bill of Materials (Continued)
Reference Designator
Description
Part Number
U3
Ultralow noise, high-accuracy 2.5 V voltage reference
ADR4525DEZ-R7
U4
16-channel, 16-bit/12-bit voltage output denseDAC
AD5766BCBZ-RL7/
AD5767BCBZ-RL7
AVCC, AVDD, AVSS, VREF
Connector, PCB, red test points, DNI
Not applicable
C19 to C22, C31 to C34, C37 to C45
Ceramic capacitors,10 nF, 200 V, 10%, X7R, 0805, FLEXITERM, DNI
Not applicable
J1 to J17, MUXOUT, N0, N1
Connector, PCB, coax, Subminiature Version B (SMB), jacks, RF
vertical, gold, DNI
Not applicable
P3
Connector, PCB, receptacle, 25 mil, square post, dual-row, 2.54 mm
pitch, DNI
Not applicable
P6
Connector, PCB, Berg, header, straight male, 12-position, DNI
Not applicable
R2, R10, R13, R16
Resistors, SMD, 0 Ω, jumper, 1/10 W, 0603, DNI
Not applicable
R11, R14
Resistors, SMD,100 kΩ, 1%, 1/10 W, 0603, AEC-Q200, DNI
Not applicable
R3, R6, R7
Obsoleted: resistors, SMD, 0 Ω, 1%, 1/16 W, 0603, DNI
Not applicable
R30 to R33, R38 to R41, R46 to R49, R54 to R57, R62
Resistors, SMD, 1 kΩ, 1%, 1/8 W, 0805, AEC-Q200, DNI
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com