Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4525DEZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADR4525DEZ-R7
Description  Evaluating the AD5766 or the AD5767, 16-Channel, 16-/12-Bit Voltage Output DenseDACs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4525DEZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADR4525DEZ-R7 Datasheet HTML 1Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 2Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 3Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 4Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 5Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 6Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 7Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 8Page - Analog Devices ADR4525DEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
User Guide
EVAL-AD5766ARDZ/EVAL-AD5767ARDZ
EVALUATION BOARD HARDWARE
analog.com
Rev. 0 | 5 of 17
BENCH POWER SUPPLY OPTION
The EVAL-AD5766ARDZ/EVAL-AD5767ARDZ evaluation boards
can access all output voltage ranges of the AD5766/AD5767 when
powered by a bench supply. A headroom and footroom of at least
2 V is required. Refer to Table 2 for the supply requirements. It is
important that the voltage across AVDD to AVSS does not exceed
the absolute maximum rating of 34 V. Otherwise, device reliability
may be affected.
Following the jumper configuration in Table 1 and Table 3 gives
more details about the options offered. For VLOGIC, users can use
the 3.3 V provided by the SDP-K1 controller board when interfaced
with the USB port of a PC or use an external power supply
interfaced with Pin 11 or Pin 12 (VIO) of the peripheral module
(PMOD, P6).
ON-BOARD CONNECTORS
The EVAL-AD5766ARDZ/EVAL-AD5767ARDZ evaluation boards
have various on-board connectors for the external power supplies
and header pins, and these connectors are described in details in
Table 4.
Table 4. On-Board Connectors
Connector
Connector Description
EXT_3V3 (P7)
Pin 1
External power supply that connects to Pin 1 of
PWR_SEL
Pin 2
Analog ground
EXT_AVCC
Pin 1
External power supply that connects to Pin 3 of
AVCC_SEL
Pin 2
Analog ground
P8
Pin 1
External power supply that connects to Pin 3 of
AVDD_SEL
Pin 2
Analog ground
J1
External voltage reference supply, SMB Connector
J2 to J17
SMB connectors for VOUT 0 to VOUT 15
P6
Peripheral module (PMOD) connection pins
P9
Header pins for VOUT 0 to VOUT 7 and AGND
P10
Header pins for VOUT 8 to VOUT 15 and AGND
PMOD Connector (P6) Pin Descriptions
The PMOD connector allows the user to control the EVAL-
AD5766ARDZ/EVAL-AD5767ARDZ by means of communicating
with the AD5766/AD5767 through the 12 pins of P6. For further
information on the functionality of the P6 pins, see Table 5.
Table 5. Connector P6 Pin Descriptions
Pin No.
Description
1
No connection (NC)
2
SYNCB
3
RESETB
4
SPI_MOSI
5
NC
6
SPI_MISO
7
NC
8
SPI_SCK
9
DGND
10
DGND
11
VIO
12
VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com