Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B72580E1140S262 Datasheet(PDF) 62 Page - EPCOS

Part # B72580E1140S262
Description  SMD multilayer varistors (MLVs), automotive E series
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72580E1140S262 Datasheet(HTML) 62 Page - EPCOS

Back Button B72580E1140S262 Datasheet HTML 58Page - EPCOS B72580E1140S262 Datasheet HTML 59Page - EPCOS B72580E1140S262 Datasheet HTML 60Page - EPCOS B72580E1140S262 Datasheet HTML 61Page - EPCOS B72580E1140S262 Datasheet HTML 62Page - EPCOS B72580E1140S262 Datasheet HTML 63Page - EPCOS B72580E1140S262 Datasheet HTML 64Page - EPCOS B72580E1140S262 Datasheet HTML 65Page - EPCOS B72580E1140S262 Datasheet HTML 66Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 81 page
background image
CTVS - Ceramic transient voltage suppressors
SMD multilayer varistors (MLVs), automotive E series
PPD ML PD
2021-01-08
Please read Cautions and warnings and
Page 62 of 81
Important notes at the end of this document.
Taping and packing
1
Taping and packing for SMD components
1.1
Blister tape (taping to IEC 60286-3)
Dimensions in mm
8-mm-tape
12-mm tape
Tolerance
Case size (inch/mm)
Case size (inch/mm)
0508/
1220
0612/
1632
1012/
2532
0603/
1608
0506/
1216
0805/
2012
1206/
3216
1210/
3225
1812/
4532
2220/
5750
A0
0.9 ±0.10
1.50
1.50
1.80
2.80
3.50
5.10
±0.20
B0
1.75 ±0.10
1.80
2.30
3.40
3.50
4.80
6.00
±0.20
K0
1.0
0.80
1.80
3.40
max.
T
0.30
0.30
max.
T2
1.30
1.20
2.50
3.90
max.
D0
D1
1.50
0.30
1.50
1.50
+0.10/
-0
min.
P0
P2
P1
4.00
2.00
4.00
4.00
2.00
8.00
±
0.101)
±
0.05
±
0.10
W
8.00
12.00
±
0.30
E
1.75
1.75
±
0.10
F
3.50
5.50
±
0.05
G
0.75
0.75
min.
1) ≤ ±
0.2 mm over 10 sprocket holes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com