Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B72580E1140S262 Datasheet(PDF) 71 Page - EPCOS

Part # B72580E1140S262
Description  SMD multilayer varistors (MLVs), automotive E series
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72580E1140S262 Datasheet(HTML) 71 Page - EPCOS

Back Button B72580E1140S262 Datasheet HTML 67Page - EPCOS B72580E1140S262 Datasheet HTML 68Page - EPCOS B72580E1140S262 Datasheet HTML 69Page - EPCOS B72580E1140S262 Datasheet HTML 70Page - EPCOS B72580E1140S262 Datasheet HTML 71Page - EPCOS B72580E1140S262 Datasheet HTML 72Page - EPCOS B72580E1140S262 Datasheet HTML 73Page - EPCOS B72580E1140S262 Datasheet HTML 74Page - EPCOS B72580E1140S262 Datasheet HTML 75Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 81 page
background image
CTVS - Ceramic transient voltage suppressors
SMD multilayer varistors (MLVs), automotive E series
PPD ML PD
2021-01-08
Please read Cautions and warnings and
Page 71 of 81
Important notes at the end of this document.
4
Solderability tests
Test
Standard
Test conditions
Sn-Pb soldering
Test conditions
Pb-free soldering
Criteria / test results
Wettability
IEC
60068-2-58
Immersion in
60/40 SnPb solder
using non-activated
flux at +215 ±3 °C for
3 ±0.3 s
Immersion in
Sn96.5Ag3.0Cu0.5
solder using non- or
low activated flux
at +245 ±5 °C
for 3 ±0.3 s
Covering of 95% of
end termination,
checked by visual
inspection
Leaching resistance IEC
60068-2-58
Immersion in
60/40 SnPb
solder using
mildly activated flux
without preheating
at +260 ±5 °C
for 10 ±1 s
Immersion in
Sn96.5Ag3.0Cu0.5
solder using non- or
low activated flux
without preheating
at +255 ±5 °C
for 10 ±1 s
No leaching of
contacts
Thermal shock
(solder shock)
Dip soldering at
+300 °C/5 s
Dip soldering at
+300 °C/5 s
No deterioration of
electrical parameters.
Capacitance change:
l∆C/C
0
l ≤ 15%
Tests of resistance
to soldering heat for
SMDs
IEC
60068-2-58
Immersion in
60/40 SnPb for 10 s
at +260 °C
Immersion in
Sn96.5Ag3.0Cu0.5
for 10 s at +260 °C
Change of varistor
voltage:
l∆V/V (1 mA)l ≤ 5%
Tests of resistance
to soldering heat
for radial leaded
components
(SHCV)
IEC
60068-2-20
Immersion
of leads in
60/40 SnPb
for 10 s at +260 °C
Immersion
of leads in
Sn96.5Ag3.0Cu0.5
for 10 s at +260 °C
Change of varistor
voltage: I∆V/V (1 mA)I
≤
5%
Change of
capacitance X7R:
≤
−5/+10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com