Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B72580E1140S262 Datasheet(PDF) 67 Page - EPCOS

Part # B72580E1140S262
Description  SMD multilayer varistors (MLVs), automotive E series
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72580E1140S262 Datasheet(HTML) 67 Page - EPCOS

Back Button B72580E1140S262 Datasheet HTML 63Page - EPCOS B72580E1140S262 Datasheet HTML 64Page - EPCOS B72580E1140S262 Datasheet HTML 65Page - EPCOS B72580E1140S262 Datasheet HTML 66Page - EPCOS B72580E1140S262 Datasheet HTML 67Page - EPCOS B72580E1140S262 Datasheet HTML 68Page - EPCOS B72580E1140S262 Datasheet HTML 69Page - EPCOS B72580E1140S262 Datasheet HTML 70Page - EPCOS B72580E1140S262 Datasheet HTML 71Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
CTVS - Ceramic transient voltage suppressors
SMD multilayer varistors (MLVs), automotive E series
PPD ML PD
2021-01-08
Please read Cautions and warnings and
Page 67 of 81
Important notes at the end of this document.
1.4
Packing units for discrete chip and array chip
Case size
inch/mm
Chip thickness
th
Cardboard tape
W
Blister tape
W
∅
180-mm reel
pcs.
∅
330-mm reel
pcs.
0201/0603
0.33 mm
8 mm
-
15000
-
0402/1005
0.6 mm
8 mm
-
10000
50000
0405/1012
0.7 mm
8 mm
-
5000
-
0506/1216
0.5 mm
-
8 mm
4000
-
0508/1220
0.9 mm
8 mm
8 mm
4000
-
0603/1608
0.9 mm
8 mm
8 mm
4000
16000
0612/1632
0.7 mm
-
8 mm
3000
-
0805/2012
0.7 mm
-
8 mm
3000
-
0.9 mm
-
8 mm
3000
12000
1.3 mm
-
8 mm
3000
12000
1003/2508
0.9 mm
8 mm
-
4000
-
1012/2532
1.0 mm
-
8 mm
2000
-
1206/3216
0.9 mm
-
8 mm
3000
-
1.3 mm
-
8 mm
3000
12000
1.4 mm
-
8 mm
2000
8000
1.6 mm
-
8 mm
2000
8000
1210/3225
0.9 mm
-
8 mm
3000
-
1.3 mm
-
8 mm
3000
12000
1.4 mm
-
8 mm
2000
8000
1.6 mm
-
8 mm
2000
8000
1812/4532
1.3 mm
-
12 mm
1500
-
1.4 mm
-
12 mm
1000
-
1.6 mm
-
12 mm
1000
4000
2.0 mm
-
12 mm
-
3000
2.3 mm
-
12 mm
-
3000
2220/5750
1.3 mm
-
12 mm
1500
-
1.4 mm
-
12 mm
1000
-
1.6 mm
-
12 mm
1000
-
2.0 mm
-
12 mm
-
3000
2.3 mm
-
12 mm
-
3000
2.7 mm
-
12 mm
600
-
3.0 mm
-
12 mm
600
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com