Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B72580E1140S262 Datasheet(PDF) 72 Page - EPCOS

Part # B72580E1140S262
Description  SMD multilayer varistors (MLVs), automotive E series
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72580E1140S262 Datasheet(HTML) 72 Page - EPCOS

Back Button B72580E1140S262 Datasheet HTML 68Page - EPCOS B72580E1140S262 Datasheet HTML 69Page - EPCOS B72580E1140S262 Datasheet HTML 70Page - EPCOS B72580E1140S262 Datasheet HTML 71Page - EPCOS B72580E1140S262 Datasheet HTML 72Page - EPCOS B72580E1140S262 Datasheet HTML 73Page - EPCOS B72580E1140S262 Datasheet HTML 74Page - EPCOS B72580E1140S262 Datasheet HTML 75Page - EPCOS B72580E1140S262 Datasheet HTML 76Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 81 page
background image
CTVS - Ceramic transient voltage suppressors
SMD multilayer varistors (MLVs), automotive E series
PPD ML PD
2021-01-08
Please read Cautions and warnings and
Page 72 of 81
Important notes at the end of this document.
Note:
Leaching of the termination
Effective area at the termination might be lost if the soldering temperature and/or immersion time are
not kept within the recommended conditions. Leaching of the outer electrode should not exceed 25%
of the chip end area (full length of the edge A-B-C-D) and 25% of the length A-B, shown below as
mounted on substrate.
As a single chip
As mounted on substrate
5
Notes for proper soldering
5.1
Preheating and cooling
According to IEC 60068-2-58. Please refer to section 2 of this chapter.
5.2
Repair/ rework
Manual soldering with a soldering iron must be avoided, hot-air methods are recommended for rework
purposes.
5.3
Cleaning
All environmentally compatible agents are suitable for cleaning. Select the appropriate cleaning
solution according to the type of flux used. The temperature difference between the components and
cleaning liquid must not be greater than +100 °C. Ultrasonic cleaning should be carried out with the
utmost caution. Too high ultrasonic power can impair the adhesive strength of the metallized
surfaces.
5.4
Solder paste printing (reflow soldering)
An excessive application of solder paste results in too high a solder fillet, thus making the chip more
susceptible to mechanical and thermal stress. Too little solder paste reduces the adhesive strength on
the outer electrodes and thus weakens the bonding to the PCB. The solder should be applied
smoothly to the end surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com