Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B72580E1140S262 Datasheet(PDF) 69 Page - EPCOS

Part # B72580E1140S262
Description  SMD multilayer varistors (MLVs), automotive E series
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72580E1140S262 Datasheet(HTML) 69 Page - EPCOS

Back Button B72580E1140S262 Datasheet HTML 65Page - EPCOS B72580E1140S262 Datasheet HTML 66Page - EPCOS B72580E1140S262 Datasheet HTML 67Page - EPCOS B72580E1140S262 Datasheet HTML 68Page - EPCOS B72580E1140S262 Datasheet HTML 69Page - EPCOS B72580E1140S262 Datasheet HTML 70Page - EPCOS B72580E1140S262 Datasheet HTML 71Page - EPCOS B72580E1140S262 Datasheet HTML 72Page - EPCOS B72580E1140S262 Datasheet HTML 73Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
CTVS - Ceramic transient voltage suppressors
SMD multilayer varistors (MLVs), automotive E series
PPD ML PD
2021-01-08
Please read Cautions and warnings and
Page 69 of 81
Important notes at the end of this document.
2
Recommended soldering temperature profiles
2.1
Reflow soldering temperature profile
Temperature ranges for reflow soldering acc. to IEC 60068-2-58 recommendations.
Profile feature
Sn-Pb eutectic assembly
Pb-free assembly
- Preheat and soak
- Temperature min
- Temperature max
- Time
Tsmin
Tsmax
Tsmin to tsmax
+100 °C
+150 °C
60 ... 120 s
+150 °C
+200 °C
60 ... 120 s
Average ramp-up rate
Tsmax to Tp
3 °C/ s max.
3 °C/ s max.
Liquidous temperature
Time at liquidous
TL
tL
+183 °C
40 ... 150 s
+217 °C
40 ... 150 s
Peak package body temperature
Tp
+215 °C ... +260 °C1)
+235 °C ... +260 °C
Time above (Tp
-5 °C)
t
p
10 ... 40 s
10 ... 40 s
Average ramp-down rate
Tp to Tsmax
6 °C/ s max.
6 °C/ s max.
Time +25 °C to peak temperature
max. 8 minutes
max. 8 minutes
Notes:
All temperatures refer to topside of the package, measured on the package body
surface.
Number of reflow cycles: 3.
Iron soldering should be avoided, hot air methods are recommended for repair
purposes.
1)
Depending on package thickness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com