Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B72580E1140S262 Datasheet(PDF) 73 Page - EPCOS

Part # B72580E1140S262
Description  SMD multilayer varistors (MLVs), automotive E series
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72580E1140S262 Datasheet(HTML) 73 Page - EPCOS

Back Button B72580E1140S262 Datasheet HTML 69Page - EPCOS B72580E1140S262 Datasheet HTML 70Page - EPCOS B72580E1140S262 Datasheet HTML 71Page - EPCOS B72580E1140S262 Datasheet HTML 72Page - EPCOS B72580E1140S262 Datasheet HTML 73Page - EPCOS B72580E1140S262 Datasheet HTML 74Page - EPCOS B72580E1140S262 Datasheet HTML 75Page - EPCOS B72580E1140S262 Datasheet HTML 76Page - EPCOS B72580E1140S262 Datasheet HTML 77Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 81 page
background image
CTVS - Ceramic transient voltage suppressors
SMD multilayer varistors (MLVs), automotive E series
PPD ML PD
2021-01-08
Please read Cautions and warnings and
Page 73 of 81
Important notes at the end of this document.
5.5
Selection of flux
Used flux should have less than or equal to 0.1 wt % of halogenated content, since flux residue after
soldering could lead to corrosion of the termination and/or increased leakage current on the surface of
the component. Strong acidic flux must not be used. The amount of flux applied should be carefully
controlled, since an excess may generate flux gas, which in turn is detrimental to solderability.
5.6
Storage of CTVSs
Solderability is guaranteed for one year from date of delivery for multilayer varistors, CeraDiodes and
ESD/EMI filters (half a year for chips with AgPt terminations) and two years for SHCV components,
provided that components are stored in their original packages.
Storage temperature:
-25 °C to +45 °C
Relative humidity:
≤
75% annual average, ≤95% on 30 days a year
The solderability of the external electrodes may deteriorate if SMDs and leaded components are
stored where they are exposed to high humidity, dust or harmful gas (hydrogen chloride, sulfurous
acid gas or hydrogen sulfide).
Do not store SMDs and leaded components where they are exposed to heat or direct sunlight.
Otherwise the packing material may be deformed or SMDs/ leaded components may stick together,
causing problems during mounting.
After opening the factory seals, such as polyvinyl-sealed packages, it is recommended to use the
SMDs or leaded components as soon as possible.
Solder CTVS components after shipment from TDK Electronics within the time specified:
CTVS with Ni barrier termination:
12 months
CTVS with AgPt termination:
6 months
SHCV (leaded components):
24 months
5.7
Placement of components on circuit board
Especially in the case of dual-wave soldering, it is of advantage to place the components on the board
before soldering in that way that their two terminals do not enter the solder bath at different times.
Ideally, both terminals should be wetted simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com