Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B72580E1140S262 Datasheet(PDF) 63 Page - EPCOS

Part # B72580E1140S262
Description  SMD multilayer varistors (MLVs), automotive E series
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72580E1140S262 Datasheet(HTML) 63 Page - EPCOS

Back Button B72580E1140S262 Datasheet HTML 59Page - EPCOS B72580E1140S262 Datasheet HTML 60Page - EPCOS B72580E1140S262 Datasheet HTML 61Page - EPCOS B72580E1140S262 Datasheet HTML 62Page - EPCOS B72580E1140S262 Datasheet HTML 63Page - EPCOS B72580E1140S262 Datasheet HTML 64Page - EPCOS B72580E1140S262 Datasheet HTML 65Page - EPCOS B72580E1140S262 Datasheet HTML 66Page - EPCOS B72580E1140S262 Datasheet HTML 67Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 81 page
background image
CTVS - Ceramic transient voltage suppressors
SMD multilayer varistors (MLVs), automotive E series
PPD ML PD
2021-01-08
Please read Cautions and warnings and
Page 63 of 81
Important notes at the end of this document.
Part orientation in tape pocket for blister tape
For discrete chip, EIA case sizes 0603, 0805,
1206, 1210, 1812 and 2220
For array, EIA case size 0612
For arrays, EIA case sizes 0506 and 1012
For filter array, EIA case size 0508
Additional taping information
Reel material
Polystyrol (PS)
Tape material
Polystyrol (PS) or Polycarbonat (PC) or PVC
Tape break force
min. 10 N
Top cover tape strength
min. 10 N
Top cover tape peel force
0.1 to 1.0 N for 8-mm tape and 0.1 to 1.3 N for 12-mm tape at a
peel speed of 300 mm/min
Tape peel angle
Angle between top cover tape and the direction of feed during peel
off: 165° to 180°
Cavity play
Each part rests in the cavity so that the angle between the part and
cavity center line is no more than 20°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com