Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B72580E1140S262 Datasheet(PDF) 64 Page - EPCOS

Part # B72580E1140S262
Description  SMD multilayer varistors (MLVs), automotive E series
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72580E1140S262 Datasheet(HTML) 64 Page - EPCOS

Back Button B72580E1140S262 Datasheet HTML 60Page - EPCOS B72580E1140S262 Datasheet HTML 61Page - EPCOS B72580E1140S262 Datasheet HTML 62Page - EPCOS B72580E1140S262 Datasheet HTML 63Page - EPCOS B72580E1140S262 Datasheet HTML 64Page - EPCOS B72580E1140S262 Datasheet HTML 65Page - EPCOS B72580E1140S262 Datasheet HTML 66Page - EPCOS B72580E1140S262 Datasheet HTML 67Page - EPCOS B72580E1140S262 Datasheet HTML 68Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
CTVS - Ceramic transient voltage suppressors
SMD multilayer varistors (MLVs), automotive E series
PPD ML PD
2021-01-08
Please read Cautions and warnings and
Page 64 of 81
Important notes at the end of this document.
1.2
Cardboard tape (taping to IEC 60286-3)
Dimensions in mm
8-mm-tape
Tolerance
Case size (inch/mm)
Case size
(inch/mm)
0201/0603
0402/1005
0405/1012
0603/1608
1003/2508
0508/1220
A0
0.38 ±0.05
0.60
1.05
0.95
1.00
1.60
±
0.20
B0
0.68 ±0.05
1.15
1.60
1.80
2.85
2.40
±
0.20
T
0.42 ±0.02
0.60
0.75
0.95
0.95
0.95
max.
T2
0.4 min.
0.70
0.90
1.10
1.10
1.10
max.
D0
1.50 ±0.1
1.50
1.50
±
0.10/
-0
P0
4.00
±
0.102)
P2
2.00
±
0.05
P1
2.00 ±0.05
2.00
4.00
4.00
4.00
4.00
±
0.10
W
8.00
±
0.30
E
1.75
±
0.10
F
3.50
±
0.05
G
0.75
min.
2) ≤
0.2 mm over 10 sprocket holes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com