Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE782 Datasheet(PDF) 57 Page - OSRAM GmbH

Part # DSE782
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE782 Datasheet(HTML) 57 Page - OSRAM GmbH

Back Button DSE782 Datasheet HTML 53Page - OSRAM GmbH DSE782 Datasheet HTML 54Page - OSRAM GmbH DSE782 Datasheet HTML 55Page - OSRAM GmbH DSE782 Datasheet HTML 56Page - OSRAM GmbH DSE782 Datasheet HTML 57Page - OSRAM GmbH DSE782 Datasheet HTML 58Page - OSRAM GmbH DSE782 Datasheet HTML 59Page - OSRAM GmbH DSE782 Datasheet HTML 60Page - OSRAM GmbH DSE782 Datasheet HTML 61Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
56
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
5. Data for control gear manufacturers
5.1.3 Operating
data for
undimmed lamps
Lamp
Minimum lamp
Maximum lamp
Maximum current
current
current1)
in any lead
mA
mA
mA
OSRAM DULUX® S/E 5 W
120
190
240
OSRAM DULUX® S/E 7 W
120
190
240
OSRAM DULUX® S/E 9 W
120
190
240
OSRAM DULUX® S/E 11 W
120
190
240
OSRAM DULUX® D/E 10 W
135
210
240
OSRAM DULUX® D/E 13 W
120
190
240
OSRAM DULUX® D/E 18 W
160
240
330
OSRAM DULUX® D/E 26 W
220
360
480
OSRAM DULUX® T/E 13 W
120
190
240
OSRAM DULUX® T/E 18 W 2)
160
240
330
OSRAM DULUX® T/E 26 W 2)
220
360
480
OSRAM DULUX® T/E 32 W 2)
220
360
480
OSRAM DULUX® T/E 42 W 2)
220
360
480
OSRAM DULUX® T/E 57 W IN
220
360
420
OSRAM DULUX® T/E 70 W IN
220
360
420
OSRAM DULUX® L 18 W
260
425
640
OSRAM DULUX® L 24 W
260
425
640
OSRAM DULUX® L 36 W
300
500
700
OSRAM DULUX® L 40 W
260
425
640
OSRAM DULUX® L 55 W
450
650
780
OSRAM DULUX® L 80 W
425
690
740
OSRAM DULUX® F 18 W
260
425
640
OSRAM DULUX® F 24 W
260
425
640
OSRAM DULUX® F 36 W
300
500
700
This table complies with the latest edition of IEC 60901 and 61199. IEC 61199 is currently being
revised. As a result, some values may change.
1)
Exceeding the maximum lamp current may shorten lamp life (overheating of the base)
and a decrease in maintenance
2)
Also for IN model
All the lamp data is specified only for operation at rated current. The lamp current
may vary within the tolerance range without affecting lamp life. The precise data is
shown in the table. In this range there is no need for constant heating current to
maintain the electrodes at emission temperature.
The critical load of a lamp is determined by two criteria: the maximum lamp current
and the maximum current maximum in any lead. The lamp current is the current that
goes through the discharge in the lamp. The current maximum in any lead is a limit
value for the load capacity of the power supply leads if a heating current flows in
addition to the lamp current. The current in any lead equals approximately the lamp
current plus the heating current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com