Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE782 Datasheet(PDF) 67 Page - OSRAM GmbH

Part # DSE782
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE782 Datasheet(HTML) 67 Page - OSRAM GmbH

Back Button DSE782 Datasheet HTML 63Page - OSRAM GmbH DSE782 Datasheet HTML 64Page - OSRAM GmbH DSE782 Datasheet HTML 65Page - OSRAM GmbH DSE782 Datasheet HTML 66Page - OSRAM GmbH DSE782 Datasheet HTML 67Page - OSRAM GmbH DSE782 Datasheet HTML 68Page - OSRAM GmbH DSE782 Datasheet HTML 69Page - OSRAM GmbH DSE782 Datasheet HTML 70Page - OSRAM GmbH DSE782 Datasheet HTML 71Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
7.2
Operating position
7. Measuring OSRAM DULUX®
compact fluorescent lamps
66
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
Free-burning OSRAM DULUX® lamps are generally measured in the base-up position,
although according to the IEC the reference burning position for OSRAM DULUX® L
and OSRAM DULUX® F lamps is horizontal. The base-up position is chosen because
the measurements are easier to take and the results are more reliable since the mer-
cury remains at the cold spot at the bottom even when the lamp is moved.
With lamps in the horizontal burning position, the mercury shifts as soon as the lamp is
moved, which destabilises the lamp.
The difference in luminous flux between the base-up and horizontal operating positi-
ons at constant lamp output for OSRAM DULUX® S, S/E, D, D/E, T, T/E is no more
than 1 to 2 %. Deviations of 10 to 20 % can be expected for OSRAM DULUX® T IN
and T/E IN lamps between base up and horizontal operating position.
Burnt-in and stabilised OSRAM DULUX® lamps provide reproducible photometric data
at constant ambient temperature and in an unchanged operating position. Fluctuations
are less than 1 % of the upper range value.
All the cables, control gear and instruments must be arranged, and if necessary shiel-
ded, so that there is no chance of interference from external fields. Use instruments
which will supply the level of accuracy required in the measured values.
Recommendations:
Instruments:
Rms instruments (true RMS)
Accuracy:
±0,2% of the measuring range
Area of application
Frequency:
0-500 Hz (CCG) scanning rate
0-400 kHz (ECG) scanning rate
Crest factor:
> 2 (CCG)
> 3 (ECG)
Lamp supply:
Supply voltage:
Depending on the lamp and
control gear (CCG, ECG or
reference device)
Stability:
± 0,2% during the
measurement
Total harmonic distortion:
< 3%
Suitable supply:
- Noise-free mains
- Electronically regulated
stabilisers
- Rotary measuring generators
- Electronic generators
The apparent power of the supply unit should be five times
the rated system power.
The luminous flux and hence the luminous efficacy of OSRAM DULUX® lamps
depends on the temperature. To achieve optimum operating conditions for the lamp in
the luminaire, it is therefore essential to know either the ambient temperature in the
vicinity of the lamp or the cold spot temperature directly on the lamp.
7.3
Constant
photometric
values
7.4
Electrical
measurements
7.5
Temperature
measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com