Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE782 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # DSE782
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE782 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button DSE782 Datasheet HTML 25Page - OSRAM GmbH DSE782 Datasheet HTML 26Page - OSRAM GmbH DSE782 Datasheet HTML 27Page - OSRAM GmbH DSE782 Datasheet HTML 28Page - OSRAM GmbH DSE782 Datasheet HTML 29Page - OSRAM GmbH DSE782 Datasheet HTML 30Page - OSRAM GmbH DSE782 Datasheet HTML 31Page - OSRAM GmbH DSE782 Datasheet HTML 32Page - OSRAM GmbH DSE782 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
OSRAM DULUX® D, OSRAM DULUX® D/E
Axial and radial luminous intensity distribution referred to 1000 lm
Base-up position
OSRAM DULUX® S, OSRAM DULUX® S/E, OSRAM DULUX® L
Axial and radial luminous intensity distribution referred to 1000 lm
Base-up position
- 90
°
90
°
- 60
°
- 30
°
- 150
°
- 120
°
180
°
150
°
120
°
60
°
30
°
0
°
50
50
100
100
90
°
150
°
120
°
60
°
30
°
Candela
50
50
100
100
150
150
0
C-90
C-45
C-0
C-90
C-45
C-0
150
cd
150
- 90
°
90
°
- 60
°
- 30
°
- 150
°
- 120
°
180
°
150
°
120
°
60
°
30
°
0
°
50
50
100
100
125
cd
125
90
°
150
°
120
°
60
°
30
°
Candela
50
50
100
100
125
125
0
C-0
C-45
C-90
C-90
C-45
C-0
2. Lamp data
28
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
2.3.9 Luminous intensity
distribution curves
The luminous intensity distributions of OSRAM DULUX® lamps depend on the plane
in which measurements are taken. For assessment and planning purposes, it is there-
fore not sufficient simply to consider the average of all planes. Measurements of the
luminous intensity distribution in three selected planes are adequate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com