Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE782 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # DSE782
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE782 Datasheet(HTML) 3 Page - OSRAM GmbH

  DSE782 Datasheet HTML 1Page - OSRAM GmbH DSE782 Datasheet HTML 2Page - OSRAM GmbH DSE782 Datasheet HTML 3Page - OSRAM GmbH DSE782 Datasheet HTML 4Page - OSRAM GmbH DSE782 Datasheet HTML 5Page - OSRAM GmbH DSE782 Datasheet HTML 6Page - OSRAM GmbH DSE782 Datasheet HTML 7Page - OSRAM GmbH DSE782 Datasheet HTML 8Page - OSRAM GmbH DSE782 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
Contents
2
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
4.5
Operating values of the lamps as a function of ambient temperature
46
4.6
Luminous flux as a function of temperature and burning position
47
4.6.1
Luminous flux/temperature curves for OSRAM DULUX® lamps in general
47
4.6.2
Luminous flux/temperature curves for OSRAM DULUX® IN lamps for indoor lighting 48
4.6.3
Luminous flux/temperature curves for OSRAM DULUX® L SP for outdoor lighting
48
4.6.4
Operation at high temperatures
49
4.6.5
Operation at low temperatures
49
4.7
Dimming
50
4.7.1
Dimming of OSRAM DULUX®… / E IN amalgam lamps
50
4.8
Lamp temperatures and limit values
51
4.8.1
Maximal temperatures for OSRAM DULUX® lamps
52
5
Data for control gear manufacturers
53
5.1
Electronic operation
53
5.1.1
Preheating (ECG operation)
53
5.1.1
Preheating (ECG operation) continued
54
5.1.2
Starting (ECG operation)
55
5.1.3
Operating data for undimmed lamps
56
5.1.4
Dimming
57
5.2
Conventional operation
60
5.2.1
Conventional operation 220 V, 230 V and 240 V / 50 Hz
60
5.3
Electrical data for the filaments
61
6
Accessories
62
6.1
Bases and lampholders
62
6.2
Lamp supports
63
6.3
Starters
64
7
Measuring OSRAM DULUX® compact fluorescent lamps
65
7.1
Burning in the lamps
65
7.2
Burning position
66
7.3
Constant photometric values
66
7.4
Electrical measurements
66
7.5
Temperature measurements
66
7.5.1
Ambient temperature
67
7.5.2
Cold spot temperature for amalgam-free lamps
67
7.5.3
Measuring amalgam lamps
67
7.6
Reference lamps
67
8
OSRAM DULUX® and the environment
68
8.1
Contents
68
8.2
Waste disposal
68
9
European and international standards
69
9.1
Relevant standards
69
9.1.1
Lamps and caps
69
9.1.2
Accessories
69
9.1.3
Luminaires
70
9.1.4
Miscellaneous
72
9.1.5
Sources
72
9.2
Declaration of Conformity
73
9.3
CE labelling
74
9.4
Energy Efficiency Index
74
10
Manufacturers of accessories
75
10.1 Manufacturers of lampholders
75
10.2 Manufacturers of control gear
75
10.3 ECG manufacturers DC/emergency operation
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com