Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE782 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # DSE782
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE782 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button DSE782 Datasheet HTML 22Page - OSRAM GmbH DSE782 Datasheet HTML 23Page - OSRAM GmbH DSE782 Datasheet HTML 24Page - OSRAM GmbH DSE782 Datasheet HTML 25Page - OSRAM GmbH DSE782 Datasheet HTML 26Page - OSRAM GmbH DSE782 Datasheet HTML 27Page - OSRAM GmbH DSE782 Datasheet HTML 28Page - OSRAM GmbH DSE782 Datasheet HTML 29Page - OSRAM GmbH DSE782 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
2. Lamp data
25
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
2.3.6 Spectral
distribution
The relative spectral power distribution is determined mainly by the light colour, whe-
reas the different models and wattages have a negligible effect.
The spectral distributions shown below are therefore typical of all OSRAM DULUX®
lamps for the relevant light colour.
y axis: mW/(m2 x 5 nm x 1000 lx)
x axis: wavelength in nanometres
Notes on the charts:
The spectral irradiance distributions refer to an illuminance of 1000 lx. The advantage
here is that the absolute values of any illuminance can be found simply by dividing by
1000 lx:
Illuminance E (measured) x (y-axis value)
1000 lx
The spectral intensities are condensed into wavelength ranges of 5 nanometres. In
other words, irrespective of the actual distributions, the values given have been integra-
ted over 5 nm. This corresponds to the standard applied to all calculations of conse-
quential results (such as colour and colour rendering).
The spectral power distribution of OSRAM DULUX LUMILUX® and LUMILUX® DE
LUXE lamps can be found in the latest edition of the Lighting Programme.
Light colours
Colour 60 – Red
Colour 66 – Green
Colour 67 – Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com