Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE782 Datasheet(PDF) 38 Page - OSRAM GmbH

Part # DSE782
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE782 Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button DSE782 Datasheet HTML 34Page - OSRAM GmbH DSE782 Datasheet HTML 35Page - OSRAM GmbH DSE782 Datasheet HTML 36Page - OSRAM GmbH DSE782 Datasheet HTML 37Page - OSRAM GmbH DSE782 Datasheet HTML 38Page - OSRAM GmbH DSE782 Datasheet HTML 39Page - OSRAM GmbH DSE782 Datasheet HTML 40Page - OSRAM GmbH DSE782 Datasheet HTML 41Page - OSRAM GmbH DSE782 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
3. Circuits
37
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
3.2.2 Compensation
The need to compensate for the reactive power depends on the technical connection
conditions of the electricity supply company. Compensation for reactive power is
covered by the EN 61000-3-2 standard (see 9.1.2). Compensation can be provided on
an individual basis per luminaire, for groups of luminaires or at a central location.
Generally, electricity consumption should involve a power factor of between Cos
ϕ 0,9
(capacitive) and 0,8 (inductive). Depending on the type of system, which obviously com-
prises more inductive loads than just low-voltage discharge lamps, one has to decide
which type of compensation should be used:
• Individual compensation per luminaire
• Group compensation
• or central compensation.
The capacitor must be connected in parallel with the mains terminals. Compensation
with a series capacitor is possible in certain circumstances but, except in the case of
OSRAM DULUX® L 36 W, is not recommended since the permissible current and
power limits cannot be reliably maintained if the permissible tolerances for the capaci-
tors, control gear and lamps are fully utilised.
The limits for exploiting the permitted tolerances (close tolerance) for the capacitance
of the series capacitor (± 2 %) and the impedance of the choke (± 1,5 %) or lamps
cannot be reliably met.
Mains parallel capacitors are not permitted in existing audio-frequency remote control
systems operating at high frequency. They are suitable only for compensation with
series capacitors.
Compensation is not required if the lamps are operated with electronic control gear.
The following table shows the capacitance values for the various lamps.
1)
For Cos phi = 0,95; Dielectric strength of the capacitors 250 V ac; Capacitance tolerance ± 10%
2)
For Cos phi = at least 0,95; Dielectric strength of the capacitors 450 V ac
To guarantee the prescribed operating and preheating values,
capacitors and control gear with narrow tolerances (± 2 %
and ± 1,5 % respectively) are needed for series compensation.
Please refer to the catalogues of the major manufacturers.
3)
24-26 W CCG for CFLs (2,7
µF for 18 W CCG for fluorescent lamp).
Parallel compensation1)
Series compensation2)
230V/50Hz
230V/50Hz
µ
F
µ
F
OSRAM DULUX® S 5 W
2.2
-
OSRAM DULUX® S 7 W
2.1
-
OSRAM DULUX® S 9 W
2.0
-
OSRAM DULUX® S 11 W
1.7
-
2x OSRAM DULUX® S 5 W
1.9
-
2x OSRAM DULUX® S 7 W
1.6
-
2x OSRAM DULUX® S 9 W
1.2
-
OSRAM DULUX® D 10 W
2.2
-
OSRAM DULUX® D 13 W
1.8
-
OSRAM DULUX® D 18 W
2.2
1.7
OSRAM DULUX® D 26 W
3.2
2.5 3)
OSRAM DULUX® T 13 W
1.8
-
OSRAM DULUX® T 18 W (IN)
2.3
1.7
OSRAM DULUX® T 26 W (IN)
3.3
2.5 3)
OSRAM DULUX® L 18 W
4.2
2.7
OSRAM DULUX® L 24 W
3.6
2.7
OSRAM DULUX® L 36 W
4.4
3.4
2 x OSRAM DULUX® L 18 W
3.4
3.4
OSRAM DULUX® F 18 W
4.2
2.7
OSRAM DULUX® F 24 W
3.6
2.7
OSRAM DULUX® F 36 W
4.4
3.4
2 x OSRAM DULUX® F 18 W
3.4
3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com