Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE782 Datasheet(PDF) 42 Page - OSRAM GmbH

Part # DSE782
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE782 Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button DSE782 Datasheet HTML 38Page - OSRAM GmbH DSE782 Datasheet HTML 39Page - OSRAM GmbH DSE782 Datasheet HTML 40Page - OSRAM GmbH DSE782 Datasheet HTML 41Page - OSRAM GmbH DSE782 Datasheet HTML 42Page - OSRAM GmbH DSE782 Datasheet HTML 43Page - OSRAM GmbH DSE782 Datasheet HTML 44Page - OSRAM GmbH DSE782 Datasheet HTML 45Page - OSRAM GmbH DSE782 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
4. Operating characteristics
41
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
4
Operating
characteristics
4.1
Start-up
characteristics
4.1.1 Single circuit,
inductive operation
For OSRAM DULUX® compact fluorescent lamps the average starting times in inductive
mode are: 1.5 to 3.0 seconds for a supply voltage of 230 V and an ambient temperature of
25 ºC. At low temperatures and/or if the supply voltage falls 10 % below its rated value of
230 V there will be a considerable increase in the starting times.
OSRAM DULUX® T 18 and 26 W IN (amalgam lamps) should be ignited and operated only
at the optimum supply voltage (230 V) and never below 5 ºC.
4.1.2 Series circuit,
inductive operation
The average starting times are also increased in the case of series circuits in inductive
mode.
Amalgam lamps are not suitable for series circuits in inductive or capacitive operation.
Average ignition time at
Average ignition time at the
the rated voltage 230 V (s)
rated voltage 230 V -10% (s)
Type
Power 25°C
0°C
-10°C -20°C
25°C
0°C
-10°C -20°C
OSRAM DULUX® S
5 W
2
22
2
2
22
2
7 W
2
3
3
3
3
7
>10
>10
9 W
1
3
>10
>10
2
3
>10
>10
11 W
2
22
5
4
44
6
OSRAM DULUX® D
10 W
2
23
3
4
56
8
13 W
2
22
-
3
64
-
18 W
2
22
3
6
78
-
26 W
3
3
3
-
6
7
-
-
OSRAM DULUX® T
13 W
3
>10
>10
>10
7
-
-
-
18 W
2
>10
-
-
5
>10
-
-
26 W
2
3
> 10
-
6
9
-
-
OSRAM DULUX® T IN 18 W
*)
*)
*)
*)
>10
-
-
-
26 W
3
12
-
-
> 10
-
-
-
OSRAM DULUX® L
18 W
1
22
3
3
45
7
24 W
2
4
5
6
5
7
10
> 10
36 W
3
44
5
5
88
-
OSRAM DULUX® L SP 18 W
*)
*)
*)
*)
*)
*)
*)
*)
24 W
*)
*)
*)
*)
*)
*)
*)
*)
OSRAM DULUX® F
18 W
*)
*)
*)
*)
*)
*)
*)
*)
24 W
*)
*)
*)
*)
*)
*)
*)
*)
36 W
*)
*)
*)
*)
*)
*)
*)
*)
*) In preparation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com