Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE782 Datasheet(PDF) 64 Page - OSRAM GmbH

Part # DSE782
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE782 Datasheet(HTML) 64 Page - OSRAM GmbH

Back Button DSE782 Datasheet HTML 60Page - OSRAM GmbH DSE782 Datasheet HTML 61Page - OSRAM GmbH DSE782 Datasheet HTML 62Page - OSRAM GmbH DSE782 Datasheet HTML 63Page - OSRAM GmbH DSE782 Datasheet HTML 64Page - OSRAM GmbH DSE782 Datasheet HTML 65Page - OSRAM GmbH DSE782 Datasheet HTML 66Page - OSRAM GmbH DSE782 Datasheet HTML 67Page - OSRAM GmbH DSE782 Datasheet HTML 68Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
6. Accessories
63
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
OSRAM DULUX® L lamps require a lamp support. The distance between the lamp sup-
port and the reference plane of the lamp is defined in the EN 60901 standard and is
given in the table below.
Lamp supports are optional for other OSRAM DULUX® lamps, such as
OSRAM DULUX® S and OSRAM DULUX® F. Lamp supports are offered by
lampholder manufacturers (see 10.1).
In the past, it was possible to insert two-pin lamps in holders designed for four-pin
lamps (electronic operation). Because of the starter integrated in the two-pin base, this
led to problems such as poor ignition, shorter lamp life and even destruction of the elec-
tronic control gear. By shortening the guidepost we have made sure that two-pin lamps
cannot be installed in the wrong holders. Lampholder manufacturers offer modified hol-
ders or holders in conjunction with adapters that prevent lamps with long guideposts
(two-pin lamps) from being installed. Four-pin lamps with short guideposts will continue
to fit in old (deep) holders, however.
Suppliers of holders for OSRAM DULUX® lamps are listed in 10.1.
6.2
Lamp supports
e
Lamp support (examples)
Lamp
Distance from reference plane e
Minimum
Maximum
mm
mm
OSRAM DULUX® L 18 W
140
175
OSRAM DULUX® L 24 W
140
270
OSRAM DULUX® L 36 W
330
365
OSRAM DULUX® L 40 W and 55 W
450
485
OSRAM DULUX® L 80 W
480
515



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com